Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52012NVX-TR Datasheet(PDF) 7 Page - Rohm

Part # BU52012NVX-TR
Description  Unipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52012NVX-TR Datasheet(HTML) 7 Page - Rohm

Back Button BU52012NVX-TR Datasheet HTML 3Page - Rohm BU52012NVX-TR Datasheet HTML 4Page - Rohm BU52012NVX-TR Datasheet HTML 5Page - Rohm BU52012NVX-TR Datasheet HTML 6Page - Rohm BU52012NVX-TR Datasheet HTML 7Page - Rohm BU52012NVX-TR Datasheet HTML 8Page - Rohm BU52012NVX-TR Datasheet HTML 9Page - Rohm BU52012NVX-TR Datasheet HTML 10Page - Rohm BU52012NVX-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
BU52002GUL,BU52003GUL,BU52012NVX,BU52012HFV,BU52013HFV
Technical Note
7/19
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Figure of measurement circuit
Product Name
IOUT
BU52002GUL, BU52003GUL
1.0mA
BU52012NVX, BU52012HFV,
BU52013HFV
0.5mA
Product Name
IOUT
BU52002GUL, BU52003GUL
1.0mA
BU52012NVX, BU52012HFV,
BU52013HFV
0.5mA
Fig.3 VOH measurement circuit
Fig.5
IDD measurement circuit
VOH
VDD
VDD
GND
OUT
100µF
V
IOUT
Fig.4 VOL measurement circuit
VOL
VDD
VDD
GND
OUT
100µF
V
IOUT
IDD
VDD
VDD
GND
OUT
2200µF
A
Bop and Brp are measured with applying the magnetic field
from the outside.
Fig.1 Bop,Brp measurement circuit
Fig.2 Tp measurement circuit
Bop/Brp
VDD
VDD
GND
OUT
100µF
V
Tp
200Ω
VDD
VDD
GND
OUT
Oscilloscope
The period is monitored by Oscilloscope.


Similar Part No. - BU52012NVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52012NVX ROHM-BU52012NVX Datasheet
116Kb / 5P
   Hall effect Switch
BU52012NVX ROHM-BU52012NVX Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX ROHM-BU52012NVX Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results

Similar Description - BU52012NVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com