Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C56LZEMT8 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FM93C56LZEMT8
Description  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C56LZEMT8 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FM93C56LZEMT8 Datasheet HTML 1Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 2Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 3Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 4Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 5Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 6Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 7Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 8Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.fairchildsemi.com
FM93CS56 Rev. C.1
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltages
+6.5V to -0.3V
with Respect to Ground
Lead Temperature
(Soldering, 10 sec.)
+300
°C
ESD rating
2000V
Operating Conditions
Ambient Operating Temperature
FM93CS56L/LZ
0
°C to +70°C
FM93CS56LE/LZE
-40
°C to +85°C
FM93CS56LV/LZV
-40
°C to +125°C
Power Supply (V
CC)
2.7V to 5.5V
DC and AC Electrical Characteristics V
CC = 2.7V to 4.5V unless otherwise specified. Refer to
page 3 for V
CC = 4.5V to 5.5V.
Symbol
Parameter
Conditions
Min
Max
Units
I
CCA
Operating Current
CS = V
IH, SK=256 KHz
1
mA
I
CCS
Standby Current
CS = V
IL
L
10
µA
LZ (2.7V to 4.5V)
1
µA
I
IL
Input Leakage
V
IN = 0V to VCC
±1
µA
IOL
Output Leakage
(Note 2)
V
IL
Input Low Voltage
-0.1
0.15V
CC
V
V
IH
Input High Voltage
0.8V
CC
V
CC +1
V
OL
Output Low Voltage
I
OL = 10µA
0.1V
CC
V
V
OH
Output High Voltage
I
OH = -10µA
0.9V
CC
f
SK
SK Clock Frequency
(Note 3)
0
250
KHz
tSKH
SK High Time
1
µs
t
SKL
SK Low Time
1
µs
tCS
Minimum CS Low Time
(Note 4)
1
µs
t
CSS
CS Setup Time
0.2
µs
t
PRES
PRE Setup Time
50
ns
tDH
DO Hold Time
70
ns
t
PES
PE Setup Time
50
ns
tDIS
DI Setup Time
0.4
µs
t
CSH
CS Hold Time
0
ns
t
PEH
PE Hold Time
250
ns
tPREH
PRE Hold Time
50
ns
t
DIH
DI Hold Time
0.4
µs
tPD
Output Delay
2
µs
t
SV
CS to Status Valid
1
µs
t
DF
CS to DO in Hi-Z
CS = V
IL
0.4
µs
tWP
Write Cycle Time
15
ms
Capacitance T
A = 25°C, f = 1 MHz or 256
KHz (Note 5)
Symbol
Test
Typ
Max
Units
C
OUT
Output Capacitance
5
pF
CIN
Input Capacitance
5
pF
Note 1:
Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2:
Typical leakage values are in the 20nA range.
Note 3:
The shortest allowable SK clock period = 1/fSK (as shown under the fSK parameter). Maximum
SK clock speed (minimum SK period) is determined by the interaction of several AC parameters stated
in the datasheet. Within this SK period, both tSKH and tSKL limits must be observed. Therefore, it is not
allowable to set 1/fSK = tSKHminimum + tSKLminimum for shorter SK cycle time operation.
Note 4:
CS (Chip Select) must be brought low (to VIL) for an interval of tCS in order to reset all internal
device registers (device reset) prior to beginning another opcode cycle. (This is shown in the opcode
diagram on the following page.)
Note 5:
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
V
CC Range
V
IL/VIH
V
IL/VIH
V
OL/VOH
I
OL/IOH
Input Levels
Timing Level
Timing Level
2.7V
≤ V
CC ≤ 5.5V
0.3V/1.8V
1.0V
0.8V/1.5V
±10µA
(Extended Voltage Levels)
4.5V
≤ V
CC ≤ 5.5V
0.4V/2.4V
1.0V/2.0V
0.4V/2.4V
2.1mA/-0.4mA
(TTL Levels)
Output Load: 1 TTL Gate (C
L = 100 pF)


Similar Part No. - FM93C56LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56AE FAIRCHILD-FM93C56AE Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56AV FAIRCHILD-FM93C56AV Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56E FAIRCHILD-FM93C56E Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C56LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com