Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C56LZEMT8 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FM93C56LZEMT8
Description  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C56LZEMT8 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM93C56LZEMT8 Datasheet HTML 1Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 2Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 3Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 4Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 5Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 6Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 7Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 8Page - Fairchild Semiconductor FM93C56LZEMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.fairchildsemi.com
FM93CS56 Rev. C.1
Connection Diagram
Dual-In-Line Package (N)
8–Pin SO (M8) and 8–Pin TSSOP (MT8)
Top View
Package Number
N08E, M08A and MTC08
Pin Names
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
PE
Program Enable
PRE
Protect Register Enable
V
CC
Power Supply
Ordering Information
FM
93
CS
XX
LZ
E
XXX
Letter
Description
Package
N
8-pin DIP
M8
8-pin SO
MT8
8-pin TSSOP
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
Density
56
2048 bits
C
CMOS
CS
Data protect and sequential
read
Interface
93
MICROWIRE
Fairchild Memory Prefix
VCC
PE
GND
CS
SK
DI
DO
1
2
3
4
8
7
6
5
PRE


Similar Part No. - FM93C56LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56AE FAIRCHILD-FM93C56AE Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56AV FAIRCHILD-FM93C56AV Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56E FAIRCHILD-FM93C56E Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C56LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com