Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93CS56LZEMT8 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FM93CS56LZEMT8
Description  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93CS56LZEMT8 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FM93CS56LZEMT8 Datasheet HTML 3Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 4Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 5Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 6Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 7Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 8Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 9Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 10Page - Fairchild Semiconductor FM93CS56LZEMT8 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
www.fairchildsemi.com
FM93CS56 Rev. C.1
5) Write Disable (WDS)
Write Disable (WDS) instruction disables all programming opera-
tions and is recommended to follow all programming operations.
Executing this instruction after a valid write instruction would
protect against accidental data disturb due to spurious noise,
glitches, inadvertent writes etc. Input information (Start bit, Opcode
and Address) for this WDS instruction should be issued as listed
under Table1. The device becomes write-disabled at the end of
this cycle when the CS signal is brought low. Execution of a READ
instruction is independent of WDS instruction. Refer
Write Disable
cycle diagram.
Protect Register Instructions
Following five instructions, PRREAD, PREN, PRCLEAR,
PRWRITE and PRDS are specific to operations intended for
Protect Register. The PRE pin should be held high during these
instructions.
1) Protect Register Read (PRREAD)
This instruction reads the content of the internal Protect Register.
Content of this register is 8-bit wide and is the starting address of
the “write-protected” section of the memory array. All memory
locations greater than or equal to this address are write-protected.
Input information (Start bit, Opcode and Address) for this PRREAD
instruction should be issued as listed under Table 1. Upon
receiving a valid input information, decoding of the opcode and the
address is made, followed by data transfer (address information)
from the Protect Register. This 8-bit data is then shifted out on the
DO pin with the MSB first and the LSB last. Like the READ
instruction a dummy-bit (logical 0) precedes this 8-bit data output
string. Output data changes are initiated on the rising edge of the
SK clock. After reading the 8-bit data, the CS signal can be brought
low to end the PRREAD cycle. The PRE pin should be held high
during this cycle. Refer
Protect Register Read cycle diagram.
Though the content of this register is 8-bit wide, only the last 7 bits
(LSB) are valid for FM93CS56 device.
2) Protect Register Enable (PREN)
This instruction is required to enable PRCLEAR, PRWRITE and
PRDS instructions and should be executed prior to executing
PRCLEAR, PRWRITE and PRDS instructions. However, this
PREN instruction is enabled (valid) only the following are true
I Device is write-enabled (Refer WEN instruction)
I PE pin is held high during this cycle
I PRE pin is held high during this cycle
Input information (Start bit, Opcode and Address) for this PREN
instruction should be issued as listed under Table1. The Protect
Register becomes enabled for PRCLEAR, PRWRITE and PRDS
instructions at the end of this cycle when the CS signal is brought
low. Note that this PREN instruction must immediately precede
a PRCLEAR, PRWRITE or PRDS instruction. In other words, no
other instruction should be executed between a PREN instruction
and a PRCLEAR, PRWRITE or PRDS instruction. Refer
Protect
Register Enable cycle diagram.
3) Protect Register Clear (PRCLEAR)
This instruction clears the content of the Protect register and
therefore enables write operations (WRITE or WRALL) to all
memory locations. Executing this instruction will program the
content of the Protect Register with a pattern of all 1s. However,
in this case, WRITE operation to the last memory address
(0x01111111) is still enabled. PRCLEAR instruction is enabled
(valid) only when the following are true:
I PREN instruction was executed immediately prior to
PRCLEAR instruction
I PE pin is held high during this cycle
I PRE pin is held high during this cycle
Input information (Start bit, Opcode and Address) for this PRCLEAR
instruction should be issued as listed under Table1. After inputting
the last bit of address (A0 bit), CS signal must be brought low
before the next rising edge of the SK clock. This falling edge of the
CS initiates the self-timed clear cycle. It takes t
WP time (Refer
appropriate DC and AC Electrical Characteristics table) for the
internal clear cycle to finish. During this time, the device remains
busy and is not ready for another instruction. Status of the internal
programming can be polled as described under WRITE instruction
description. While the device is busy, it is recommended that no
new instruction be issued. Refer
Protect Register Clear cycle
diagram.
4) Protect Register Write (PRWRITE)
This instruction is used to write the starting address of the memory
section to be write-protected into the Protect register. After the
execution of PRWRITE instruction, all memory locations greater
than or equal to this address are write-protected. PRWRITE
instruction is enabled (valid) only the following are true:
I PRCLEAR instruction was executed first (to clear the Protect
Register)
I PREN instruction was executed immediately prior to
PRWRITE instruction
I PE pin is held high during this cycle
I PRE pin is held high during this cycle
Input information (Start bit, Opcode and Address) for this PRWRITE
instruction should be issued as listed under Table1. After inputting
the last bit of address (A0 bit), CS signal must be brought low
before the next rising edge of the SK clock. This falling edge of the
CS initiates the self-timed programming cycle. It takes t
WP time
(Refer appropriate DC and AC Electrical Characteristics table) for
the internal programming cycle to finish. During this time, the
device remains busy and is not ready for another instruction.
Status of the internal programming can be polled as described
under WRITE instruction description. While the device is busy, it
is recommended that no new instruction be issued. Refer
Protect
Register Write cycle diagram.
5) Protect Register Disable (PRDS)
Unlike all other instructions, this instruction is a one-time-only
instruction which when executed permanently write-protects
the Protect Register and renders it unalterable in the future. This
instruction is useful to safeguard vital data (typically read only
data) in the memory against any possible corruption. PRDS
instruction is enabled (valid) only the following are true:
I PREN instruction was executed immediately prior to PRDS
instruction
I PE pin is held high during this cycle
I PRE pin is held high during this cycle
Input information (Start bit, Opcode and Address) for this PRDS


Similar Part No. - FM93CS56LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06E FAIRCHILD-FM93CS06E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06V FAIRCHILD-FM93CS06V Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46E FAIRCHILD-FM93CS46E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
More results

Similar Description - FM93CS56LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com