Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1633AEAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1633AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1633AEAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1633AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX1633AEAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
10
______________________________________________________________________________________
_______________Detailed Description
The MAX1630A is a dual, BiCMOS, switch-mode power-
supply controller designed primarily for buck-topology
regulators in battery-powered applications where high effi-
ciency and low quiescent supply current are critical. Light-
load efficiency is enhanced by automatic Idle Mode
operation, a variable-frequency pulse-skipping mode that
reduces transition and gate-charge losses. Each step-
down, power-switching circuit consists of two n-channel
MOSFETs, a rectifier, and an LC output filter. The output
voltage is the average AC voltage at the switching node,
which is regulated by changing the duty cycle of the
MOSFET switches. The gate-drive signal to the n-channel
high-side MOSFET must exceed the battery voltage, and
is provided by a flying-capacitor boost circuit that uses a
100nF capacitor connected to BST_.
Devices in the MAX1630A family contain 10 major circuit
blocks (Figure 2).
The two PWM controllers each consist of a Dual Mode
feedback network and multiplexer, a multi-input PWM
comparator, high-side and low-side gate drivers, and
logic. The MAX1630A/MAX1631A/MAX1632A contain
fault-protection circuits that monitor the main PWM out-
puts for undervoltage and overvoltage. A power-on
sequence block controls the power-up timing of the
main PWMs and determines whether one or both of the
outputs are monitored for undervoltage faults. The
MAX1630A/MAX1632A/MAX1633A/MAX1635A include
a secondary feedback network and 12V linear regulator
to generate a 12V output from a coupled-inductor fly-
back winding. The MAX1631A/MAX1634A have an
SECFB instead, which allows a quasi-regulated,
adjustable-output, coupled-inductor flyback winding to
be attached to either the 3.3V or the 5V main inductor.
Bias generator blocks include the 5V IC internal rail (VL)
linear regulator, 2.5V precision reference, and automatic
bootstrap switchover circuit. The PWMs share a com-
mon 200kHz/300kHz synchronizable oscillator.
These internal IC blocks are not powered directly from
the battery. Instead, the 5V VL linear regulator steps
down the battery voltage to supply both VL and the
gate drivers. The synchronous-switch gate drivers are
directly powered from VL, while the high-side switch
gate drivers are indirectly powered from VL through an
external diode-capacitor boost circuit. An automatic
bootstrap circuit turns off the +5V linear regulator and
powers the IC from the 5V PWM output voltage if the
output is above 4.5V.
PWM Controller Block
The two PWM controllers are nearly identical. The only
differences are fixed output settings (3.3V vs. 5V), the
VL/CSL5 bootstrap switch connected to the +5V PWM,
and SECFB. The heart of each current-mode PWM con-
troller is a multi-input, open-loop comparator that sums
three signals: the output voltage error signal with
respect to the reference voltage, the current-sense sig-
nal, and the slope compensation ramp (Figure 3). The
PWM controller is a direct-summing type, lacking a tra-
ditional error amplifier and the phase shift associated
with it. This direct-summing configuration approaches
ideal cycle-by-cycle control over the output voltage.
When SKIP = low, Idle Mode circuitry automatically
optimizes efficiency throughout the load current range.
Idle Mode dramatically improves light-load efficiency
by reducing the effective frequency, which reduces
switching losses. It keeps the peak inductor current
above 25% of the full current limit in an active cycle,
allowing subsequent cycles to be skipped. Idle Mode
transitions seamlessly to fixed-frequency PWM opera-
tion as load current increases.
With SKIP = high, the controller always operates in
fixed-frequency PWM mode for lowest noise. Each
pulse from the oscillator sets the main PWM latch that
turns on the high-side switch for a period determined
by the duty factor (approximately VOUT/VIN). As the
high-side switch turns off, the synchronous rectifier
latch sets; 60ns later, the low-side switch turns on. The
low-side switch stays on until the beginning of the next
clock cycle.
In PWM mode, the controller operates as a fixed-
frequency current-mode controller where the duty ratio
is set by the input/output voltage ratio. The current-
mode feedback system regulates the peak inductor
Table 3. SKIP PWM Table
Low
Light
LOAD
CURRENT
Pulse-skipping, supply cur-
rent = 250µA at VIN = 12V,
discontinuous inductor
current
DESCRIPTION
Low
Heavy
Constant-frequency PWM,
continuous inductor current
SKIP
Idle
MODE
PWM
High
Light
PWM
Constant-frequency PWM,
continuous inductor current
PWM
High
Heavy
Constant-frequency PWM,
continuous inductor current


Similar Part No. - MAX1633AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1633A MAXIM-MAX1633A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
More results

Similar Description - MAX1633AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com