Electronic Components Datasheet Search |
|
MAX1632AEAI+ Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX1632AEAI+ Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 29 page Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (V+ = 15V, both PWMs on, SYNC = VL, VL load = 0mA, REF load = 0mA, SKIP = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. V+ to GND ..............................................................-0.3V to +36V PGND to GND.....................................................................±0.3V VL to GND ................................................................-0.3V to +6V BST3, BST5 to GND ...............................................-0.3V to +36V LX3 to BST3..............................................................-6V to +0.3V LX5 to BST5..............................................................-6V to +0.3V REF, SYNC, SEQ, STEER, SKIP, TIME/ON5, SECFB, RESET to GND .......................................-0.3V to +6V VDD to GND ............................................................-0.3V to +20V RUN/ON3, SHDN to GND.............................-0.3V to (V+ + 0.3V) 12OUT to GND ...........................................-0.3V to (VDD + 0.3V) DL3, DL5 to PGND........................................-0.3V to (VL + 0.3V) DH3 to LX3 ...............................................-0.3V to (BST3 + 0.3V) DH5 to LX5 ...............................................-0.3V to (BST5 + 0.3V) VL, REF Short to GND ................................................Momentary 12OUT Short to GND..................................................Continuous REF Current...........................................................+5mA to -1mA VL Current.........................................................................+50mA 12OUT Current ...............................................................+200mA VDD Shunt Current ............................................................+15mA Operating Temperature Ranges MAX163_ACAI ....................................................0°C to +70°C MAX163_AEAI .................................................-40°C to +85°C Storage Temperature Range .............................-65°C to +160°C Continuous Power Dissipation (TA = +70°C) SSOP (derate 9.52mW/°C above +70°C) ....................762mW Lead Temperature (soldering, 10s) .................................+300°C CONDITIONS V 4.2 30.0 Input Voltage Range UNITS MIN TYP MAX PARAMETER Either SMPS V+ = 4.2V to 30V, CSH3–CSL3 = 0V, CSL3 tied to FB3 V REF 5.5 V 2.42 2.5 2.58 3V Output Voltage in Adjustable Mode Output Voltage Adjust Range Either SMPS, 5.2V < V+ < 30V %/V 0.03 Either SMPS, 0V < CSH_- CSL_ < 80mV Line Regulation Dual Mode comparator % -2 V 0.5 1.1 Adjustable-Mode Threshold Voltage Load Regulation SYNC = VL From enable to 95% full current limit with respect to fOSC (Note 1) 270 300 330 Clks 512 SKIP = 0V, not tested Soft-Start Ramp Time mV 10 25 40 Idle Mode Threshold SYNC = 0V kHz 170 200 230 Oscillator Frequency V+ = 4.2V to 30V, 0mV < CSH3–CSL3 < 80mV, FB3 = 0V V 3.20 3.39 3.47 3V Output Voltage in Fixed Mode V+ = 4.2V to 30V, CSH5–CSL5 = 0V, CSL5 tied to FB5 V 2.42 2.5 2.58 5V Output Voltage in Adjustable Mode V+ = 5.2V to 30V, 0mV < CSH–CSL5 < 80mV, FB5 = 0V V 4.85 5.13 5.25 5V Output Voltage in Fixed Mode SYNC = VL 97 98 SYNC = 0V (Note 2) % 98 99 Maximum Duty Factor CSH3–CSL3 or CSH5–CSL5 80 100 120 SKIP = VL or VDD < 13V or SECFB < 2.44V mV -50 -100 -150 Current-Limit Threshold MAIN SMPS CONTROLLERS |
Similar Part No. - MAX1632AEAI+ |
|
Similar Description - MAX1632AEAI+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |