Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3245EEUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3245EEUI
Description  ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3245EEUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3245EEUI Datasheet HTML 5Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 6Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 7Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 8Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 9Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 10Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 11Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 12Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
RS-232 Transmitters
The transmitters are inverting level translators that
convert CMOS-logic levels to 5.0V EIA/TIA-232 levels.
The MAX3224E/MAX3226E/MAX3244E guarantee a
250kbps data rate (1Mbps, for the MAX3225E/MAX3227E/
MAX3245E) with worst-case loads of 3k
Ω in parallel with
1000pF, providing compatibility with PC-to-PC com-
munication software (such as LapLink®). Transmitters
can be paralleled to drive multiple receivers. Figure 1
shows a complete system connection.
When FORCEOFF is driven to ground or when the Auto-
Shutdown Plus circuitry senses that all receiver and
transmitter inputs are inactive for more than 30s, the
transmitters are disabled and the outputs go into a high-
impedance state. When powered off or shut down, the
outputs can be driven to ±12V. The transmitter inputs
do not have pullup resistors. Connect unused inputs to
GND or VCC.
MAX3244E
MAX3245E
I/O
CHIP
WITH
UART
CPU
RS-232
POWER-
MANAGEMENT
UNIT OR
KEYBOARD
CONTROLLER
FORCEOFF
FORCEON
INVALID
Figure 1. Interface Under Control of PMU
MAX3244E
MAX3245E
T1OUT
R2OUTB
Tx
5k
Ω
UART
VCC
T1IN
THREE-STATED
LOGIC
TRANSITION
DETECTOR
R2IN
PROTECTION
DIODE
R2OUT
FORCEOFF = GND
VCC
TO
μP
Rx
PREVIOUS
RS-232
Tx
UART
SHDN = GND
VCC
VCC
GND
Rx
5k
Ω
a) OLDER RS-232: POWERED-DOWN UART DRAWS CURRENT FROM ACTIVE
RECEIVER OUTPUT IN SHUTDOWN.
b) NEW MAX3244E/MAX3245E: IN SHUTDOWN, R2OUTB IS USED TO MONITOR
EXTERNAL DEVICES AND R2OUT IS THREE STATED, ELIMINATING A CURRENT
PATH THROUGH THE UART'S PROTECTION DIODE.
GND
PROTECTION
DIODE
I
I
Figure 2. The MAX3244E/MAX3245E detect RS-232 activity
when the UART and interface are shut down.
LapLink is a registered trademark of Laplink Software, Inc.
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Maxim Integrated
9
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E


Similar Part No. - MAX3245EEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
More results

Similar Description - MAX3245EEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com