Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S102T02 Datasheet(PDF) 11 Page - Sharp Corporation

Part # S102T02
Description  IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S102T02 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button S102T02 Datasheet HTML 5Page - Sharp Corporation S102T02 Datasheet HTML 6Page - Sharp Corporation S102T02 Datasheet HTML 7Page - Sharp Corporation S102T02 Datasheet HTML 8Page - Sharp Corporation S102T02 Datasheet HTML 9Page - Sharp Corporation S102T02 Datasheet HTML 10Page - Sharp Corporation S102T02 Datasheet HTML 11Page - Sharp Corporation S102T02 Datasheet HTML 12Page - Sharp Corporation S102T02 Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
S102T02 Series
S202T02 Series
Sheet No.: D4-A01601EN
Solvent cleaning :
Solvent temperature should be 45˚C or below. Immersion time should be 3minutes or less.
Ultrasonic cleaning :
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
In case the other type of solvent materials are intended to be used, please make sure they work fine in ac-
tual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC


Similar Part No. - S102T02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102T02 SHARP-S102T02 Datasheet
33Kb / 2P
   Low Height Type Solid State Relays
More results

Similar Description - S102T02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
   IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
   IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com