Electronic Components Datasheet Search |
|
BLM15AG221SN1B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
BLM15AG221SN1B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 3 page http://www.murata.com/ Data Sheet 1 o This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design. 2005.3.4 Noise Suppression Products/EMI Suppression Filters > Chip EMIFILr Inductor Type > Chip Ferrite Beads (in mm) 0.5 ±0.05 1.0 ±0.05 0.25 ±0.1 (Resistance element becomes dominant at high frequencies.) Chip EMIFILr Inductor Type BLM15A_SN Series (0402 Size) I Dimension I Equivalent Circuit I Packaging Code Packaging Minimum Quantity D 180mm Paper Tape 10000 J 330mm Paper Tape 50000 B Bulk(Bag) 1000 I Rated Value (p: packaging code) Part Number Impedance (at 100MHz/20 °C) Impedance (at 1GHz/20 °C) Rated Current DC Resistance(max.) Operating Temperature Range Number of Circuits BLM15AG100SN1p 10ohm(Typ.) - 1000mA 0.05ohm -55 °C to +125°C 1 BLM15AG700SN1p 70ohm(Typ.) - 500mA 0.15ohm -55 °C to +125°C 1 BLM15AG121SN1p 120ohm ±25% - 500mA 0.25ohm -55 °C to +125°C 1 BLM15AG221SN1p 220ohm ±25% - 300mA 0.35ohm -55 °C to +125°C 1 BLM15AG601SN1p 600ohm ±25% - 300mA 0.6ohm -55 °C to +125°C 1 BLM15AG102SN1p 1000ohm ±25% - 200mA 1.0ohm -55 °C to +125°C 1 0 5 10 15 20 1 10 100 1000 Frequency (MHz) Z R X 0 20 40 60 80 100 120 1 10 100 1000 Frequency (MHz) Z R X I Z-f Characteristics(Typ.) BLM15AG100SN1 I Z-f Characteristics(Typ.) BLM15AG700SN1 Continued on the following page. |
Similar Part No. - BLM15AG221SN1B |
|
Similar Description - BLM15AG221SN1B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |