Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW18AN24NG00D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQW18AN24NG00D
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW18AN24NG00D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQW18AN24NG00D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW18AN24NG00D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW18AN24NG00D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW18AN24NG00D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
2011.9.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Test Frequency Rated Current Max. of DC Resistance Q (min.) Test Frequency Self Resonance Frequency (min.)
LQW18AN91NG00
p
91nH ±2%
100MHz
230mA
0.64ohm
34
150MHz
1900MHz
LQW18AN91NJ00
p
91nH ±5%
100MHz
230mA
0.64ohm
34
150MHz
1900MHz
LQW18ANR10G00
p 100nH ±2%
100MHz
220mA
0.68ohm
34
150MHz
1800MHz
LQW18ANR10J00
p
100nH ±5%
100MHz
220mA
0.68ohm
34
150MHz
1800MHz
LQW18ANR11G00
p 110nH ±2%
100MHz
200mA
1.2ohm
32
150MHz
1700MHz
LQW18ANR11J00
p
110nH ±5%
100MHz
200mA
1.2ohm
32
150MHz
1700MHz
LQW18ANR12G00
p 120nH ±2%
100MHz
180mA
1.3ohm
32
150MHz
1600MHz
LQW18ANR12J00
p
120nH ±5%
100MHz
180mA
1.3ohm
32
150MHz
1600MHz
LQW18ANR13G00
p 130nH ±2%
100MHz
170mA
1.4ohm
32
150MHz
1450MHz
LQW18ANR13J00
p
130nH ±5%
100MHz
170mA
1.4ohm
32
150MHz
1450MHz
LQW18ANR15G00
p 150nH ±2%
100MHz
160mA
1.5ohm
32
150MHz
1400MHz
LQW18ANR15J00
p
150nH ±5%
100MHz
160mA
1.5ohm
32
150MHz
1400MHz
LQW18ANR16G00
p 160nH ±2%
100MHz
150mA
2.1ohm
32
150MHz
1350MHz
LQW18ANR16J00
p
160nH ±5%
100MHz
150mA
2.1ohm
32
150MHz
1350MHz
LQW18ANR18G00
p 180nH ±2%
100MHz
140mA
2.2ohm
25
100MHz
1300MHz
LQW18ANR18J00
p
180nH ±5%
100MHz
140mA
2.2ohm
25
100MHz
1300MHz
LQW18ANR20G00
p 200nH ±2%
100MHz
120mA
2.4ohm
25
100MHz
1250MHz
LQW18ANR20J00
p
200nH ±5%
100MHz
120mA
2.4ohm
25
100MHz
1250MHz
LQW18ANR22G00
p 220nH ±2%
100MHz
120mA
2.5ohm
25
100MHz
1200MHz
LQW18ANR22J00
p
220nH ±5%
100MHz
120mA
2.5ohm
25
100MHz
1200MHz
LQW18ANR27G00
p 270nH ±2%
100MHz
110mA
3.4ohm
30
100MHz
960MHz
LQW18ANR27J00
p
270nH ±5%
100MHz
110mA
3.4ohm
30
100MHz
960MHz
LQW18ANR33G00
p 330nH ±2%
100MHz
85mA
5.5ohm
30
100MHz
800MHz
LQW18ANR33J00
p
330nH ±5%
100MHz
85mA
5.5ohm
30
100MHz
800MHz
LQW18ANR39G00
p 390nH ±2%
100MHz
80mA
6.2ohm
30
100MHz
800MHz
LQW18ANR39J00
p
390nH ±5%
100MHz
80mA
6.2ohm
30
100MHz
800MHz
LQW18ANR47G00
p 470nH ±2%
100MHz
75mA
7.0ohm
30
100MHz
700MHz
LQW18ANR47J00
p
470nH ±5%
100MHz
75mA
7.0ohm
30
100MHz
700MHz
Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C
Only for reflow soldering.
c Q-Frequency Characteristics (Typ.)
120
100
80
60
40
20
0
10
100
1000
10000
Frequency (MHz)
8.7nH
20nH
47nH
100nH
220nH
470nH
c Inductance-Frequency Characteristics (Typ.)
1000
10000
100
10
1
10
100
1000
10000
Frequency (MHz)
220nH
100nH
47nH
20nH
8.7nH
470nH
Continued on the following page.


Similar Part No. - LQW18AN24NG00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18AN24NG00 MURATA-LQW18AN24NG00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQW18AN24NG00 MURATA-LQW18AN24NG00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN24NG00p MURATA-LQW18AN24NG00p Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results

Similar Description - LQW18AN24NG00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N5B00D MURATA-LQW15AN1N5B00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR12J00D MURATA-LQW18ANR12J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com