Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T410-400T Datasheet(PDF) 1 Page - STMicroelectronics

Part # T410-400T
Description  Based on ST?셲 Snubberless
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410-400T Datasheet(HTML) 1 Page - STMicroelectronics

  T410-400T Datasheet HTML 1Page - STMicroelectronics T410-400T Datasheet HTML 2Page - STMicroelectronics T410-400T Datasheet HTML 3Page - STMicroelectronics T410-400T Datasheet HTML 4Page - STMicroelectronics T410-400T Datasheet HTML 5Page - STMicroelectronics T410-400T Datasheet HTML 6Page - STMicroelectronics T410-400T Datasheet HTML 7Page - STMicroelectronics T410-400T Datasheet HTML 8Page - STMicroelectronics T410-400T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
Table 1: Main Features
DESCRIPTION
Based on ST’s Snubberless / Logic level technol-
ogy providing high commutation performances,
the T4 series is suitable for use on AC inductive
loads.
They are recommended for applications using
universal motors, electrovalves.... such as kitchen
aid equipments, power tools, dishwashers,...
Available in a fully insulated package, the T4...-
...W version complies with UL standards (ref.
E81734).
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600 to 800
V
IGT (Q
1)
5 to 35
mA
T4 Series
4A TRIACS
REV. 7
January 2006
SNUBBERLESS™ & LOGIC LEVEL
Table 2: Order Codes
Part Number
Marking
T405-xxxB
See page table 8 on
page 9
T405-xxxB-TR
T405-xxxH
T405-xxxT
T405-xxxW
T410-xxxB
T410-xxxB-TR
T410-xxxH
T4105-xxxT
T410-xxxW
T435-xxxB
T435-xxxB-TR
T435-xxxH
T435-xxxT
T435-xxxW
DPAK
(T4-B)
G
A2
A2
A1
A2
A1
G
TO-220AB
(T4-T)
ISOWATT220AB
(T4-W)
A2
A2
A1
G
IPAK
(T4-H)
A2
A1
G
A2
A2
A1
G


Similar Part No. - T410-400T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
   4A TRIACS
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T410-600B JIEJIE-T410-600B Datasheet
662Kb / 6P
   4A TRIACs
logo
Apollo Electron Co., Lt...
T410-600B APOLLOELECTRON-T410-600B Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Inchange Semiconductor ...
T410-600B ISC-T410-600B Datasheet
157Kb / 1P
   isc Thyristors
More results

Similar Description - T410-400T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L1X STMICROELECTRONICS-VL53L1X Datasheet
1Mb / 35P
   A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSense??technology
November 2018 Rev 3
EVLONE65W STMICROELECTRONICS-EVLONE65W_V01 Datasheet
437Kb / 10P
   65W USB-PD certified reference design based on ST-ONE
Rev 2 - March 2023
AN925 STMICROELECTRONICS-AN925 Datasheet
23Kb / 4P
   Time Update in ST?셲 TIMEKEEPER Devices
December 1998
logo
OPLINK Communications I...
CWDMG_48CH OPLINK-CWDMG_48CH Datasheet
350Kb / 2P
   Oplink?셲 Coarse Wavelength Division Multiplexer is based on patented athermal platform for optical device.
CWDMG_1X2 OPLINK-CWDMG_1X2 Datasheet
188Kb / 2P
   Oplink?셲 single channel Coarse WDM is based on patented athermal platform for optical device.
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
   Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
logo
STMicroelectronics
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T620-600W STMICROELECTRONICS-T620-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com