Electronic Components Datasheet Search |
|
BD49K31 Datasheet(PDF) 1 Page - Rohm |
|
BD49K31 Datasheet(HTML) 1 Page - Rohm |
1 / 18 page ○ Product structure : Silicon monolithic integrated circuit ○ This product is not designed for protection against radioactive rays . 1/15 TSZ02201-0R7R0G300030-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013.Rev.008 TSZ22111 ・ 14 ・ 001 www.rohm.com Datasheet Voltage Detector IC Series Standard CMOS Voltage Detector IC BD48xxx series BD49xxx series ● General Description ROHM’s BD48xxx and BD49xxx series are highly accurate, low-current Voltage Detector IC series. The family includes BD48xxx devices with N-channel open drain output and BD49xxx devices with CMOS output. The devices are available for specific detection voltages ranging from 2.3V to 6.0V in increments of 0.1V. ● Features High accuracy detection Ultra-low current consumption Two output types (Nch open drain and CMOS output) Wide Operating temperature range Very small and low height package Package SSOP5 is similar to SOT-23-5 (JEDEC) Package SSOP3 is similar to SOT-23-3 (JEDEC) ● Typical Application Circuit ● Key Specifications Detection voltage: 2.3V to 6.0V (Typ.), 0.1V steps High accuracy detection voltage: ±1.0% Ultra-low current consumption: 0.9µA (Typ.) Operating temperature range: -40°C to +105°C ● Package SSOP5: 2.90mm x 2.80mm x 1.25mm SSOP3: 2.92mm x 2.80mm x 1.25mm VSOF5: 1.60 mm x 1.60mm x 0.60mm ● Applications Circuits using microcontrollers or logic circuits that require a reset. (Open Drain Output type ) BD48xxx series VDD1 BD48xxx VDD2 GND Micro controller RST CL ( Capacitor for noise filtering ) RL (CMOS Output type ) BD49xxx series CL ( Capacitor for noise filtering ) VDD1 BD49xxx Micro controller RST GND |
Similar Part No. - BD49K31 |
|
Similar Description - BD49K31 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |