Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM338 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM338
Description  5-Amp Adjustable Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM338 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM338 Datasheet HTML 5Page - Texas Instruments LM338 Datasheet HTML 6Page - Texas Instruments LM338 Datasheet HTML 7Page - Texas Instruments LM338 Datasheet HTML 8Page - Texas Instruments LM338 Datasheet HTML 9Page - Texas Instruments LM338 Datasheet HTML 10Page - Texas Instruments LM338 Datasheet HTML 11Page - Texas Instruments LM338 Datasheet HTML 12Page - Texas Instruments LM338 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Typical Applications
Regulator and Voltage Reference
1.2V–25V Adjustable Regulator
00906003
00906001
Temperature Controller
00906010
Full output current not available
at high input-output voltages
†Optional — improves transient response. Output capacitors in the range of 1 µF to 1000 µF of aluminum or tantalum electrolytic are commonly used to provide
improved output impedance and rejection of transients.
*Needed if device is more than 6 inches from filter capacitors.
**R1 = 240
Ω for LM138. R1, R2 as an assembly can be ordered from Bourns:
MIL part no. 7105A-AT2-502
COMM part no. 7105A-AT7-502
www.national.com
8


Similar Part No. - LM338

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
logo
Seme LAB
LM338 SEME-LAB-LM338 Datasheet
56Kb / 6P
   5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM338 LINER-LM338 Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338 Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

Similar Description - LM338

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138K-MIL TI-LM138K-MIL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM138KSTEEL TI1-LM138KSTEEL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com