Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW18AN2N2D00B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQW18AN2N2D00B
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW18AN2N2D00B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQW18AN2N2D00B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW18AN2N2D00B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW18AN2N2D00B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW18AN2N2D00B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
2011.9.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Test Frequency Rated Current Max. of DC Resistance Q (min.) Test Frequency Self Resonance Frequency (min.)
LQW18AN11NJ00
p
11nH ±5%
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN12NG00
p
12nH ±2%
100MHz
600mA
0.13ohm
35
250MHz
6000MHz
LQW18AN12NJ00
p
12nH ±5%
100MHz
600mA
0.13ohm
35
250MHz
6000MHz
LQW18AN13NG00
p
13nH ±2%
100MHz
600mA
0.13ohm
35
250MHz
6000MHz
LQW18AN13NJ00
p
13nH ±5%
100MHz
600mA
0.13ohm
35
250MHz
6000MHz
LQW18AN15NG00
p
15nH ±2%
100MHz
600mA
0.13ohm
40
250MHz
6000MHz
LQW18AN15NJ00
p
15nH ±5%
100MHz
600mA
0.13ohm
40
250MHz
6000MHz
LQW18AN16NG00
p
16nH ±2%
100MHz
550mA
0.16ohm
40
250MHz
5500MHz
LQW18AN16NJ00
p
16nH ±5%
100MHz
550mA
0.16ohm
40
250MHz
5500MHz
LQW18AN18NG00
p
18nH ±2%
100MHz
550mA
0.16ohm
40
250MHz
5500MHz
LQW18AN18NJ00
p
18nH ±5%
100MHz
550mA
0.16ohm
40
250MHz
5500MHz
LQW18AN20NG00
p
20nH ±2%
100MHz
550mA
0.16ohm
40
250MHz
4900MHz
LQW18AN20NJ00
p
20nH ±5%
100MHz
550mA
0.16ohm
40
250MHz
4900MHz
LQW18AN22NG00
p
22nH ±2%
100MHz
500mA
0.17ohm
40
250MHz
4600MHz
LQW18AN22NJ00
p
22nH ±5%
100MHz
500mA
0.17ohm
40
250MHz
4600MHz
LQW18AN24NG00
p
24nH ±2%
100MHz
500mA
0.21ohm
40
250MHz
3800MHz
LQW18AN24NJ00
p
24nH ±5%
100MHz
500mA
0.21ohm
40
250MHz
3800MHz
LQW18AN27NG00
p
27nH ±2%
100MHz
440mA
0.21ohm
40
250MHz
3700MHz
LQW18AN27NJ00
p
27nH ±5%
100MHz
440mA
0.21ohm
40
250MHz
3700MHz
LQW18AN30NG00
p
30nH ±2%
100MHz
420mA
0.23ohm
40
250MHz
3300MHz
LQW18AN30NJ00
p
30nH ±5%
100MHz
420mA
0.23ohm
40
250MHz
3300MHz
LQW18AN33NG00
p
33nH ±2%
100MHz
420mA
0.23ohm
40
250MHz
3200MHz
LQW18AN33NJ00
p
33nH ±5%
100MHz
420mA
0.23ohm
40
250MHz
3200MHz
LQW18AN36NG00
p
36nH ±2%
100MHz
400mA
0.26ohm
40
250MHz
2900MHz
LQW18AN36NJ00
p
36nH ±5%
100MHz
400mA
0.26ohm
40
250MHz
2900MHz
LQW18AN39NG00
p
39nH ±2%
100MHz
400mA
0.26ohm
40
250MHz
2800MHz
LQW18AN39NJ00
p
39nH ±5%
100MHz
400mA
0.26ohm
40
250MHz
2800MHz
LQW18AN43NG00
p
43nH ±2%
100MHz
380mA
0.29ohm
40
200MHz
2700MHz
LQW18AN43NJ00
p
43nH ±5%
100MHz
380mA
0.29ohm
40
200MHz
2700MHz
LQW18AN47NG00
p
47nH ±2%
100MHz
380mA
0.29ohm
38
200MHz
2600MHz
LQW18AN47NJ00
p
47nH ±5%
100MHz
380mA
0.29ohm
38
200MHz
2600MHz
LQW18AN51NG00
p
51nH ±2%
100MHz
370mA
0.33ohm
38
200MHz
2500MHz
LQW18AN51NJ00
p
51nH ±5%
100MHz
370mA
0.33ohm
38
200MHz
2500MHz
LQW18AN56NG00
p
56nH ±2%
100MHz
360mA
0.35ohm
38
200MHz
2400MHz
LQW18AN56NJ00
p
56nH ±5%
100MHz
360mA
0.35ohm
38
200MHz
2400MHz
LQW18AN62NG00
p
62nH ±2%
100MHz
280mA
0.51ohm
38
200MHz
2300MHz
LQW18AN62NJ00
p
62nH ±5%
100MHz
280mA
0.51ohm
38
200MHz
2300MHz
LQW18AN68NG00
p
68nH ±2%
100MHz
340mA
0.38ohm
38
200MHz
2200MHz
LQW18AN68NJ00
p
68nH ±5%
100MHz
340mA
0.38ohm
38
200MHz
2200MHz
LQW18AN72NG00
p
72nH ±2%
100MHz
270mA
0.56ohm
34
150MHz
2100MHz
LQW18AN72NJ00
p
72nH ±5%
100MHz
270mA
0.56ohm
34
150MHz
2100MHz
LQW18AN75NG00
p
75nH ±2%
100MHz
270mA
0.56ohm
34
150MHz
2050MHz
LQW18AN75NJ00
p
75nH ±5%
100MHz
270mA
0.56ohm
34
150MHz
2050MHz
LQW18AN82NG00
p
82nH ±2%
100MHz
250mA
0.60ohm
34
150MHz
2000MHz
LQW18AN82NJ00
p
82nH ±5%
100MHz
250mA
0.60ohm
34
150MHz
2000MHz
Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW18AN2N2D00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18AN2N2D00B MURATA-LQW18AN2N2D00B Datasheet
76Kb / 2P
   Inductance
More results

Similar Description - LQW18AN2N2D00B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N5B00D MURATA-LQW15AN1N5B00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR12J00D MURATA-LQW18ANR12J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com