Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH43MN220K03K Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQH43MN220K03K
Description  Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH43MN220K03K Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQH43MN220K03K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH43MN220K03K Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH43MN220K03K Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
3
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Wire Wound Type
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQH43NN182J03p
1800
µH±5%
1kHz
35mA
45.0ohm
40
252kHz
1.5MHz
LQH43NN182K03p
1800
µH±10%
1kHz
35mA
45.0ohm
40
252kHz
1.5MHz
LQH43NN222J03p
2200
µH±5%
1kHz
30mA
50.0ohm
40
252kHz
1.3MHz
LQH43NN222K03p
2200
µH±10%
1kHz
30mA
50.0ohm
40
252kHz
1.3MHz
0
20
40
60
80
100
0.1
1
10
Frequency (MHz)
1000
µH
100
µH
10
µH
1000
10000
100
10
1
100
µH
10
1
100
1000
Current (mA)
390
µH
1000
µH
2200
µH
39
µH
10
µH
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range: -40
°C to +85°C
I Q-Frequency Characteristics (Typ.)
I Inductance-Current Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQH43MN220K03K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43MN220K03 MURATA-LQH43MN220K03 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
More results

Similar Description - LQH43MN220K03K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH32MN470J23L MURATA-LQH32MN470J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQH32MN1R0M23L MURATA-LQH32MN1R0M23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com