Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA13N50 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQA13N50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N50 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA13N50 Datasheet HTML 1Page - Fairchild Semiconductor FQA13N50 Datasheet HTML 2Page - Fairchild Semiconductor FQA13N50 Datasheet HTML 3Page - Fairchild Semiconductor FQA13N50 Datasheet HTML 4Page - Fairchild Semiconductor FQA13N50 Datasheet HTML 5Page - Fairchild Semiconductor FQA13N50 Datasheet HTML 6Page - Fairchild Semiconductor FQA13N50 Datasheet HTML 7Page - Fairchild Semiconductor FQA13N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./.Ω, 0 
,-1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


  





B+
 B>+ 
+-*+4-2)*µ(
)**


+
∆B+
5∆
B>+ 
 
4-2)*µ(, 2)6

* '7

+56
4
C:+ 
+-)**++-*+


%
µ(
+-'**+-%2)6


%*
µ(
4
:B/>
+-&*++-*+


%**
(
4
:B/>,!
+-&*++-*+


%**
(
 
+
: + 
+-+4-2)*µ(
& *

) *
+
,
  
, 
+-%*+4-9 D(

* &&
* '&

   
+-)*+4-9 D(

%* &


 

4  
+-2)++-*+
-% *E#


%7**
2&**


  

2')
&2*


,!  

2)
&)

   

 
+-2)*+4-%& '(
,-2)Ω


'*
=*


,

%'*
2=*


 

%**
2%*


 

7)
%7*

F
 :
+-'**+4-%& '(
+-%*+


')
9*

F
: 

%%


F
:

22


     
4
A 


%& '
(
4
A8  


)& 9
(
+
 + 
+-*+4-%& '(


% '
+

,!, !
+-*+4-%& '(
45-%**(5µ

2=*


F
,!, !

2 9

µ


Similar Part No. - FQA13N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQA13N50 ISC-FQA13N50 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA13N50C FAIRCHILD-FQA13N50C Datasheet
677Kb / 8P
   500V N-Channel MOSFET
FQA13N50C FAIRCHILD-FQA13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
logo
Inchange Semiconductor ...
FQA13N50C ISC-FQA13N50C Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF Datasheet
640Kb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQA13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com