Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ1.5KE36CA-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMCJ1.5KE36CA-TP
Description  For surface mount applicationsin in order to optimize board space
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ1.5KE36CA-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  SMCJ1.5KE36CA-TP Datasheet HTML 1Page - Micro Commercial Components SMCJ1.5KE36CA-TP Datasheet HTML 2Page - Micro Commercial Components SMCJ1.5KE36CA-TP Datasheet HTML 3Page - Micro Commercial Components SMCJ1.5KE36CA-TP Datasheet HTML 4Page - Micro Commercial Components SMCJ1.5KE36CA-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
For surface mount applicationsin in or der to optimize
board space
Fast response time: typical less than 1.0ps from 0 volts to
Mechanical Data
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Color band denotesposit ive end (cathode)
except Bidirectional
Maximum soldering temperature: 260
oC for 10 seconds
Maximum Ratings @ 25
oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us waveform
IPP
See Table 1 Note:
2
Peak Pulse Power
Dissipation
PPP
1500W
Note:
2
Peak Forward Surge
Current
IFSM)
200A
Note:
4
Operation And Storage
Temperature Range
TJ, TSTG
-55
oC to
+1
75oC
NOTES:
2. Non-repetitive current pulse, per Fig.3 and derated above
TA=25
oC per Fig.2.
3. Mounted on 8.0mm
2 copper pads to each terminal.
4. 8.3ms, single half sine wave duty cycle=4 pulses per. Minute
maximum.
SMCJ1.5KE6.8(C)A
THRU
SMCJ1.5KE550(C)A
Transient
Voltage Suppressor
6.8 to 550 Volts
1500 Watt
Excellent clamping capability
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
D
20
13/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
G
H
E
D
F
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Typical Thermal
Resistance Junction
RthJL
15
oC/W
A
B
C
DO-214AB
(SMCJ) (LEAD FRAME)
UL Recognized File # E331408
www.mccsemi.com
1 of 5
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
3
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
to Lead
Typical Thermal
Resistance Junction
RthJA
75
oC/W
to Ambient
MCC
TM
Micro Commercial Components
Halogen free available upon request by adding suffix "-HF"
VBR minimum
Low inductance
Low profile package


Similar Part No. - SMCJ1.5KE36CA-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ1.5KE36CA MCC-SMCJ1.5KE36CA Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
More results

Similar Description - SMCJ1.5KE36CA-TP

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
   For surface mounted applications in order to optimize board space.
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
221Kb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
   For surface mounted applications in order to optimize board space
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com