Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6714MF Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6714MF
Description  LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6714MF Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6714MF Datasheet HTML 5Page - Texas Instruments LMH6714MF Datasheet HTML 6Page - Texas Instruments LMH6714MF Datasheet HTML 7Page - Texas Instruments LMH6714MF Datasheet HTML 8Page - Texas Instruments LMH6714MF Datasheet HTML 9Page - Texas Instruments LMH6714MF Datasheet HTML 10Page - Texas Instruments LMH6714MF Datasheet HTML 11Page - Texas Instruments LMH6714MF Datasheet HTML 12Page - Texas Instruments LMH6714MF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
1
100
10k
1M
FREQUENCY (Hz)
100k
1k
10
VOLTAGE
INVERTING CURRENT
NON-INVERTING
CURRENT
1
10
100
1000
1
10
100
1000
-15 -12 -9
-6
-3
0
3
6
9
12 15
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
OUTPUT POWER FOR EACH TONE (dBmW)
TWO EQUAL POWER
TONES CENTERED AT
LISTED FREQUENCY
100MHz
20MHz
5MHz
10MHz
0.1
1
100
100
1000
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
C
D
A
B
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-8
-7
-6
-5
-4
-3
-2
-1
0
-9
IBN
IBI
VOS
0.1
1
10
100
1000
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
LMH6714, LMH6720
LMH6722, LMH6722-Q1
www.ti.com
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
(V
+ = +5V, V= −5V, A
V = 2, RF = 300Ω, RL = 100Ω Unless Specified).
DC Errors vs. Temperature
Maximum VOUT vs. Frequency
Figure 26.
Figure 27.
Crosstalk vs. Frequency (LMH6722)
3rd Order Intermodulation vs. Output Power
for each channel with all others active
Figure 28.
Figure 29.
Noise vs. Frequency
Figure 30.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Similar Part No. - LMH6714MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6714MF NSC-LMH6714MF Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6714MF TI-LMH6714MF Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714MF TI1-LMH6714MF Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714MF/NOPB TI1-LMH6714MF/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714MFX NSC-LMH6714MFX Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
More results

Similar Description - LMH6714MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6720MA TI-LMH6720MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com