Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M08 Datasheet(PDF) 3 Page - First Components International

Part # LM78M08
Description  LM78M00Series-Terminal Low Current Positive Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM78M08 Datasheet(HTML) 3 Page - First Components International

  LM78M08 Datasheet HTML 1Page - First Components International LM78M08 Datasheet HTML 2Page - First Components International LM78M08 Datasheet HTML 3Page - First Components International LM78M08 Datasheet HTML 4Page - First Components International LM78M08 Datasheet HTML 5Page - First Components International LM78M08 Datasheet HTML 6Page - First Components International LM78M08 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P3
LM78M05 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =10V,I
=350mA (unless otherwise noted)
I
LM78M06 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =11V,I
=350mA (unless otherwise noted)
I
LM78M08 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =14V,I
=350mA (unless otherwise noted)
I
PARAMETER
PARAMETER
PARAMETER
TEST CONDITIONS*
TEST CONDITIONS*
TEST CONDITIONS*
LM78M05
LM78M06
LM78M08
MIN
MIN
MIN
TYP
TYP
TYP
MAX
MAX
MAX
UNIT
UNIT
UNIT
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
I
= 5mA to 350mA,
VI= 7V to 20V,
P
15W
VI= 7V to 25V,
VI= 8V to 25V
VI= 8V to 18V,
f= 120Hz
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 8V to 25V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
I
= 5mA to 350mA,
VI= 8V to 21V,
P
15W
VI= 8V to 25V,
VI= 9V to 25V
VI= 9V to 19V,
f= 120Hz
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 9V to 25V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
I
= 5mA to 350mA,
VI= 10.5V to 23V,
P
15W
VI= 10.5V to 25V,
VI= 11V to 25V
VI= 11.5V to 21.5V,
f= 120Hz
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 10.5V to 25V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
I
= 100mA
I
= 300mA
I
= 100mA
I
= 300mA
I
= 100mA
I
= 300mA
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
4.8
4.75
62
62
5.75
5.7
59
59
7.7
7.6
56
56
5
5
3
1
80
15
5
-1.0
40
2.0
4.2
300
0.7
6
6
5
1.5
80
18
10
-1
45
2.0
4.3
270
0.7
8
8
6
2
80
20
10
-1
52
2.0
4.6
250
0.7
5.2
5.25
100
50
100
50
200
2.5
6
0.8
0.5
6.25
6.3
100
50
120
60
6
0.8
0.5
8.3
8.4
100
50
160
80
6
0.8
0.5
V
mV
dB
mV
mV/
V
V
mA
A
V
mV
dB
mV
mV/
V
V
mA
A
V
mV
dB
mV
mV/
V
V
mA
A
LM78M00Series-Terminal Low Current
Positive Voltage Regulators


Similar Part No. - LM78M08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78M08 KEXIN-LM78M08 Datasheet
54Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
National Semiconductor ...
LM78M08CH NSC-LM78M08CH Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
LM78M08CT NSC-LM78M08CT Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M08J3 CYSTEKEC-LM78M08J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M08J3 CYSTEKEC-LM78M08J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results

Similar Description - LM78M08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
   3-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
PJ78L00 ETC1-PJ78L00 Datasheet
286Kb / 8P
   3-Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com