Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575-ATB5BT Datasheet(PDF) 10 Page - First Components International

Part # LM2575-ATB5BT
Description  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-ATB5BT Datasheet(HTML) 10 Page - First Components International

Back Button LM2575-ATB5BT Datasheet HTML 2Page - First Components International LM2575-ATB5BT Datasheet HTML 3Page - First Components International LM2575-ATB5BT Datasheet HTML 4Page - First Components International LM2575-ATB5BT Datasheet HTML 5Page - First Components International LM2575-ATB5BT Datasheet HTML 6Page - First Components International LM2575-ATB5BT Datasheet HTML 7Page - First Components International LM2575-ATB5BT Datasheet HTML 8Page - First Components International LM2575-ATB5BT Datasheet HTML 9Page - First Components International LM2575-ATB5BT Datasheet HTML 10Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
TO-252-5 PACKAGE OUTLINE DIMENSIONS
29° ± 0.5°
0.256 ± 0.004
6.5 ± 0.1
0.212 ± 0.003
5.375 ± 0.075
0.024 Ref
0.600 Ref
0.24 ± 0.004
6.10 ± 0.1
0.2835 ± 0.0035
7.20 ± 0.1
0.0235 ± 0.0015
0.60 ± 0.025
0.050BSC
1.270BSC
0.025 ± 0.002
0.64 ± 0.05
0.039 ± 0.002
1.0 ± 0.05
0.02 ± 0.001
0.51 ± 0.02
0.06 ± 0.004
1.525 ± 0.1
0.39 ± 0.008
9.9 ± 0.2
0.003 ± 0.002
0.07 ± 0.05
0.091 ± 0.002
2.3 ± 0.05
Inches
mm
(
)
TO-220-5B PACKAGE OUTLINE DIMENSIONS
0.4
10.16
± 0.006
± 0.15
Inches
mm
(
)
0.151 ± 0.002
3.84 ± 0.05
0.108
.74
± 0.006
2
± 0.15
0.4985 ± 0.0075
12.66 ± 0.2
0.268
0.68
± 0.004
± 0.1
0.032
0.81
± 0.004
± 0.1
0.213 ± 0.004
5.4 ± 0.1
0.138 ± 0.004
3.5 ± 0.1
0.1535 ± 0.0035
3.9 ± 0.1
0.220 TYP
1.700 TYP
0.18 ± 0.004
4.57 ± 0.1
0.05 ± 0.004
1.27 ± 0.1
0.05 ± 0.004
1.27 ± 0.1
0.358 ± 0.008
9.1± 0.2
0.9645 ± 0.0075
24.5 ± 0.2
0.996 ± 0.008
25.3± 0.2
0.105 ± 0.006
2.76± 0.15
0.173 ± 0.006
4.4 ± 0.15
0.331 ± 0.006
8.4 ± 0.15
0.0165 ± 0.0045
0.42 ± 0.11
Pad Layout
7
Units: mm
7
3
0.9
1.27
6.25
LM2575 1.0A Step - Down Voltage Switching Regulators


Similar Part No. - LM2575-ATB5BT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-ADJ MOTOROLA-LM2575-ADJ Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - LM2575-ATB5BT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com