Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XW472J03RC Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW472J03RC
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW472J03RC Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XW472J03RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. NCP15XW472J03RC Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Continued from the preceding page.
Part Number
Resistance
(25°C)
(ohm)
B-Constant
(25-50°C)
(K)
B-Constant
(25-80°C)
(Reference Value) (K)
B-Constant
(25-85°C)
(Reference Value) (K)
B-Constant
(25-100°C)
(Reference Value) (K)
Permissive Operating
Current (25°C)
(mA)
Rated Electric
Power (25°C)
(mW)
Typical Dissipation
Constant (25°C)
(mW/°C)
NCP15WB473D03RC
47k ±0.5% 4050 ±0.5%
4101
4108
4131
0.14
100
1
NCP15WB473F03RC
47k ±1%
4050 ±1%
4101
4108
4131
0.14
100
1
NCP15WB473
p03RC
47k
4050 ±1%
4101
4108
4131
0.14
100
1
NCP15WL473
p03RC
47k
4485 ±1%
4537
4543
4557
0.14
100
1
NCP15WD683
p03RC
68k
4150 ±3%
4201
4209
4232
0.12
100
1
NCP15WL683
p03RC
68k
4485 ±1%
4537
4543
4557
0.12
100
1
NCP15WF104D03RC
100k ±0.5% 4250 ±0.5%
4303
4311
4334
0.10
100
1
NCP15WF104F03RC
100k ±1%
4250 ±1%
4303
4311
4334
0.10
100
1
NCP15WF104
p03RC
100k
4250 ±1%
4303
4311
4334
0.10
100
1
NCP15WL104
p03RC
100k
4485 ±1%
4537
4543
4557
0.10
100
1
NCP15WL154
p03RC
150k
4485 ±1%
4537
4543
4557
0.08
100
1
NCP15WM154
p03RC
150k
4500 ±3%
4571
4582
4614
0.08
100
1
NCP15WM224
p03RC
220k
4500 ±3%
4571
4582
4614
0.06
100
1
NCP15WM474
p03RC
470k
4500 ±3%
4571
4582
4614
0.04
100
1
p is filled with resistance tolerance codes (E: ±3%, J: ±5%).
Rated Electric Power shows the required electric power that causes Thermistor's temperature to rise to 125°C by self heating, at ambient temperature of 25 °C.
Operating Temperature Range: -40°C to +125°C
R44E.pdf
Dec.17,2012
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2


Similar Part No. - NCP15XW472J03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW472J03RC MURATA-NCP15XW472J03RC Datasheet
207Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP15XW472J03RC MURATA1-NCP15XW472J03RC Datasheet
569Kb / 3P
   NTC for Temperature Sensor
10/17/2022
NCP15XW472J03RC MURATA1-NCP15XW472J03RC Datasheet
612Kb / 3P
   NTC for Temperature Sensor
01/10/2024
NCP15XW472J03RC MURATA1-NCP15XW472J03RC_V01 Datasheet
569Kb / 3P
   NTC for Temperature Sensor
10/17/2022
NCP15XW472J03RC MURATA1-NCP15XW472J03RC_V02 Datasheet
612Kb / 3P
   NTC for Temperature Sensor
01/10/2024
More results

Similar Description - NCP15XW472J03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XV103J03RB MURATA-NCP18XV103J03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com