Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575-15TB5BT Datasheet(PDF) 3 Page - First Components International

Part # LM2575-15TB5BT
Description  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-15TB5BT Datasheet(HTML) 3 Page - First Components International

  LM2575-15TB5BT Datasheet HTML 1Page - First Components International LM2575-15TB5BT Datasheet HTML 2Page - First Components International LM2575-15TB5BT Datasheet HTML 3Page - First Components International LM2575-15TB5BT Datasheet HTML 4Page - First Components International LM2575-15TB5BT Datasheet HTML 5Page - First Components International LM2575-15TB5BT Datasheet HTML 6Page - First Components International LM2575-15TB5BT Datasheet HTML 7Page - First Components International LM2575-15TB5BT Datasheet HTML 8Page - First Components International LM2575-15TB5BT Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
1
+
5
3
4
2
1.23V
Band-Gap
Reference
52kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
Feed-
back
VIN
+
-
+
-
Fixed Gain
Error AMP
Comparator
Driver
1 AMP
Switch
Internal
Regulator
ON/OFF
ON/OFF
Output
L1
D1
GND
C
out
+
L
O
A
D
BLOCK DIAGRAM
Unregulated
DC Input
C
IN
V
Output Voltage to Ground (Steady State)
Power Dissipation
Storage Temperature Range
Maximum Junction Temperature
Lead Temperature (Soldering, 10 sec.)
°C
°C
°C
Maximum Supply Voltage
VALUE
UNIT
ON/OFF Pin Input Voltage
45
-0.3
V V
IN
Internally Limited
-65 to + 150
+150
+260
-1.0
V
V
-
R2
1.0K
R1
VOUT
VOUT
3.3V, R2 = 1.7K
5V, R2 = 3.1K
12V, R2 = 8.84K
15V, R2 = 11.3K
For ADJ. Version
R1 = Open, R2 = 0W
RECOMMENDED OPERATING CONDITIONS
Temperature Range
VALUE
UNIT
Supply Voltage
40
V
-40
TJ 125
°C
PARAMETER
PARAMETER
LM2575 1.0A Step - Down Voltage Switching Regulators


Similar Part No. - LM2575-15TB5BT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-15 MOTOROLA-LM2575-15 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575-15IKC TI-LM2575-15IKC Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575-15IKTGR TI-LM2575-15IKTGR Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575-15IKTT TI-LM2575-15IKTT Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575-15IKTTR TI-LM2575-15IKTTR Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results

Similar Description - LM2575-15TB5BT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com