Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ1.5KE220A Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SMCJ1.5KE220A
Description  For surface mount applicationsin in order to optimize board space
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ1.5KE220A Datasheet(HTML) 4 Page - Micro Commercial Components

  SMCJ1.5KE220A Datasheet HTML 1Page - Micro Commercial Components SMCJ1.5KE220A Datasheet HTML 2Page - Micro Commercial Components SMCJ1.5KE220A Datasheet HTML 3Page - Micro Commercial Components SMCJ1.5KE220A Datasheet HTML 4Page - Micro Commercial Components SMCJ1.5KE220A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision: D
2013/01/01
SMCJ1.5KE6.8(C)A THRU SMCJ1.5KE550(C)A
MC C
TM
Micro Commercial Components
www.mccsemi.com
4 of 5
Fig. 4 – Typical Junction Capacitance
Uni-Directional
0
25
50
75
100
0
75
25
50
100
125
150
175
200
TA — Ambient Temperature (
°C)
10
100
1,000
10,000
20,000
10
1
100
400
VWM — Reverse Stand-Off Voltage (V)
Fig. 2 – Pulse Derating Curve
Fig. 1 – Peak Pulse Power Rating Curve
0.1
1
10
100
0.1
µs
1.0
µs10µs
td — Pulse Width (sec.)
100
µs
1.0ms
10ms
0.31 x 0.31" (8.0 x 8.0mm)
Copper Pad Areas
TJ = 25
°C
f = 1.0MHz
Vsig = 50mVp-p
Measured at
Zero Bias
VR, Measured at
Stand-Off
Voltage, VWM
Fig. 6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Use Only
1
10
100
10
100
200
Number of Cycles at 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = TJ max.
Uni-Directional
Bi-Directional
tp — Pulse Duration (sec)
Fig. 5 – Typical Transient Thermal
Impedance
0.1
1.0
10
100
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
Fig. 3 – Pulse Waveform
TJ = 25
°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10
µsec.
Peak Value
IPPM
Half Value — IPP
IPPM
2
td
10/1000
µsec. Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Similar Part No. - SMCJ1.5KE220A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ1.5KE220A MCC-SMCJ1.5KE220A Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
More results

Similar Description - SMCJ1.5KE220A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
   For surface mounted applications in order to optimize board space.
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
221Kb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
   For surface mounted applications in order to optimize board space
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com