Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650061RUKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650061RUKT
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650061RUKT Datasheet(HTML) 4 Page - Texas Instruments

  TPS650061RUKT Datasheet HTML 1Page - Texas Instruments TPS650061RUKT Datasheet HTML 2Page - Texas Instruments TPS650061RUKT Datasheet HTML 3Page - Texas Instruments TPS650061RUKT Datasheet HTML 4Page - Texas Instruments TPS650061RUKT Datasheet HTML 5Page - Texas Instruments TPS650061RUKT Datasheet HTML 6Page - Texas Instruments TPS650061RUKT Datasheet HTML 7Page - Texas Instruments TPS650061RUKT Datasheet HTML 8Page - Texas Instruments TPS650061RUKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810B – JUNE 2009 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over full operating ambient temperature range, typical values are at TA = 25° C. Unless otherwise noted, specifications apply
for condition VIN = EN_LDOx = EN_DCDC = 3.6 V. External components L = 2.2 mH, COUT = 10 mF, CIN = 4.7 mF, (see the
parameter measurement information).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT TPS65001
MODE low, EN_DCDC high,
EN_LDO1/2 low,
24
37
mA
IOUT = 0 mA and no switching
MODE low, EN_DCDC low,
IQ
Operating quiescent current
EN_LDO1/2 high, IOUT = 0mA
55
62
mA
IOUT = 0 mA and no switching
(3)
EN_DCDC high, MODE high,
4
mA
EN_LDO1/2 low, IOUT = 0mA
ISD
Shutdown Current
EN_DCDC low EN_LDO1 and EN_LDO2 low
11
17
mA
DIGITAL PINS (EN_DCDC, EN_LDO1, EN_LDO2, MODE, PG, MR, RST
VIH
High level input voltage
1.2
V
VIL
Low level input voltage
0.4
V
VOL
Low level output voltage
PG and RST pins only, IO = -100mA
0.4
V
MODE, EN_DCDC, EN_LDO1, EN_LDO2 tied to
Ilkg
Input leakage current
0.01
0.1
mA
GND or VINDCDC
OSCILLATOR
fSW
Oscillator frequency
1.722
2.25
2.847
MHz
STEP DOWN CONVERTER POWER SWITCH
High side MOSFET on-resistance
240
480
RDS(on)
VINDCDC = VGS = 3.6V
m
Low side MOSFET on-resistance
185
380
2.3 V
≤ VINDCDC ≤ 2.5V
300
IO
DC output current
mA
2.5 V
≤ VINDCDC ≤ 6V
600
DC output current (TPS650061
1000
IO
2.7 V
≤ VINDCDC ≤ 6V
mA
ONLY)
Forward current limit PMOS and
ILIMF
2.3 V
≤ VINDCDC ≤ 6V
800
1000
1400
mA
NMOS
Forward current limit PMOS and
ILIMF
2.7 V
≤ VINDCDC ≤ 6V
1200
1500
1680
mA
NMOS (TPS650061 ONLY)
Thermal shutdown
Increasing junction temperature
150
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
30
STEP DOWN CONVERTER OUTPUT VOLTAGE
Adjustable output voltage range,
VDCDC
0.6
VINDCDC
V
DCDC
FB_DCDC pin current
0.1
mA
Vref
Internal reference voltage
0.594
0.6
0.606
V
Output Voltage Accuracy (PWM
MODE = high,
–1.5%
0%
1.5%
Mode)(4)
2.3
≤ VINDCDC ≤ 6V
VDCDC
Output Voltage Accuracy (PFM
MODE low
1%
mode) (5)
+1% voltage positioning active
Load regulation (PWM mode)
MODE high
0.5
%/A
tStart
Start-up time
EN_DCDC to start of switching (10%)
250
ms
tRamp
VDCDC ramp up time
VDCDC ramp from 10% to 90%
250
ms
Internal discharge resistance at
EN_DCDC low
RDIS
450
SW
(3)
The max quiescent current of enabling LDOs is 8mA higher for TPS650001, TPS650003, TPS650006 and TPS650061.
(4)
For VINDCDC = VDCDC + 1V
(5)
In PFM Mode, the internal reference voltage is typ 1.01 × VREF.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650061RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS650061RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com