Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650006RTET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650006RTET
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650006RTET Datasheet(HTML) 3 Page - Texas Instruments

  TPS650006RTET Datasheet HTML 1Page - Texas Instruments TPS650006RTET Datasheet HTML 2Page - Texas Instruments TPS650006RTET Datasheet HTML 3Page - Texas Instruments TPS650006RTET Datasheet HTML 4Page - Texas Instruments TPS650006RTET Datasheet HTML 5Page - Texas Instruments TPS650006RTET Datasheet HTML 6Page - Texas Instruments TPS650006RTET Datasheet HTML 7Page - Texas Instruments TPS650006RTET Datasheet HTML 8Page - Texas Instruments TPS650006RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
www.ti.com
SLVS810B – JUNE 2009 – REVISED AUGUST 2010
DISSIPATION RATINGS
TA ≤ 25°C
TA = 70°C
TA = 85°C
DEVICE
PACKAGE
RqJA
RqJB
POWER RATING POWER RATING POWER RATING
TPS65000/01(1)
270°C/W
14°C/W
370 mW
204 mW
148 mW
RTE / RUK
TPS65000/01(2)
48.7°C/W
14°C/W
2.05 W
1.13 W
821 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3in × 3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in × 3in, multilayer board with 1-ounce internal power and ground.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
L1
SW pin inductor
1.5
2.2
3.3
mH
Input capacitor at VINDCDC
10
mF
CI
Input capacitor at VINLDO1/2
2.2
mF
Output capacitor for DCDC
10
22
mF
CO
Output capacitor for LDO1/2
2.2
mF
DCDC converter output current
600
mA
DCDC converter output current (TPS650061 ONLY)
1000
mA
IO
LDO1 output current
300
mA
LDO2 output current
300
mA
TA
Operating ambient temperature
-40
85
°C
ELECTRICAL CHARACTERISTICS
Over full operating ambient temperature range, typical values are at TA = 25° C. Unless otherwise noted, specifications apply
for condition VIN = EN_LDOx = EN_DCDC = 3.6 V. External components L = 2.2 mH, COUT = 10 mF, CIN = 4.7 mF, (see the
parameter measurement information).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING VOLTAGE
Input voltage for VINDCDC of
2.3
6
DCDC converter
VIN
V
Input voltage for LDO1 (VINLDO1)
See (1)
1.6
6
Input voltage for LDO2 (VINLDO2)
See (1)
1.6
6
Internal undervoltage lockout
VCC falling
1.72
1.77
1.82
V
threshold
UVLO
Internal undervoltage lockout
160
mV
hysteresis
SUPPLY CURRENT TPS65000
MODE low, EN_DCDC high,
EN_LDO1/2 low,
23
32
IOUT = 0 mA and no switching
mA
MODE low, EN_DCDC low,
IQ
Operating quiescent current
EN_LDO1/2 high, IOUT = 0mA
50
57
IOUT = 0 mA and no switching
(2)
EN_DCDC high, MODE high,
4
mA
EN_LDO1/2 low, IOUT = 0mA
ISD
Shutdown Current
EN_DCDC low EN_LDO1 and EN_LDO2 low
0.16
2.2
mA
(1)
The design principle allows only VINDCDC to be the highest supply in the system if different voltage input supplies separately to DCDC
converter and LDOs, meaning VINDCDC
≥ VINLDO1, VINDCDC ≥ VINLDO2.
(2)
The max quiescent current of enabling LDOs is 8mA higher for TPS650001, TPS650003, TPS650006 and TPS650061.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650006RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650006RTET TI1-TPS650006RTET Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS650006RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com