Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2082DRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2082DRG4
Description  POWER-DISTRIBUTION SWITCHES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2082DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2082DRG4 Datasheet HTML 3Page - Texas Instruments TPS2082DRG4 Datasheet HTML 4Page - Texas Instruments TPS2082DRG4 Datasheet HTML 5Page - Texas Instruments TPS2082DRG4 Datasheet HTML 6Page - Texas Instruments TPS2082DRG4 Datasheet HTML 7Page - Texas Instruments TPS2082DRG4 Datasheet HTML 8Page - Texas Instruments TPS2082DRG4 Datasheet HTML 9Page - Texas Instruments TPS2082DRG4 Datasheet HTML 10Page - Texas Instruments TPS2082DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2080, TPS2081, TPS2082 DUAL
TPS2085, TPS2086, TPS2087 QUAD
SLVS202B – SEPTEMBER 2000 – REVISED OCTOBER 2007
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VI(IN)
Input voltage range(2)
–0.3 to 6
V
VO(OUTx)
Output voltage range(2)
–0.3 to VI(IN) + 0.3
V
VI(ENx) or VI(ENx)
Input voltage range
–0.3 to 6
V
IO(OUTx)
Continuous output current
Internally Limited
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
0 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Human body model
2
kV
ESD
Electrostatic discharge protection
Machine model
200
V
Charged device model (CDM)
750
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING=
D-8
725 mW
5.8 mW/
°C
464 mW
377 mW
D-16
1123 mW
9 mW/
°C
719 mW
584 mW
MIN
MAX
UNIT
VI(IN)
Input voltage
2.7
5.5
V
VI(ENx) or VI(ENx)
Input voltage
0
5.5
V
IO
Continuous output current (per switch)
0
500
mA
TJ
Operating virtual junction temperature
0
125
°C
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = rated current, VI(ENx) = 0 V, VI(ENx) = VI(INx) (unless
otherwise noted)
SUPPLY CURRENT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(ENx) = VI(IN),
TJ = 25°C
0.025
1
Supply current, low-level
No Load on OUT
μA
VI(ENx) = 0 V
output
–40
°C ≤ T
J ≤ 125°C
10
Supply current, high-level
VI(ENx) = 0 V,
TJ = 25°C
85
110
No Load on OUT
μA
output
VI(ENx) = VI(IN)
–40
°C ≤ T
J ≤ 125°C
100
VI(ENx) = VI(IN),
Leakage current
OUT connected to ground
–40
°C ≤ T
J ≤ 125°C
100
μA
VI(ENx) = 0 V
VI(ENx) = 0 V,
Reverse leakage current
INx = high impedance
TJ = 25°C
0.3
μA
VI(ENx) = VI(IN)
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2080, TPS2081, TPS2082 DUAL TPS2085, TPS2086, TPS2087 QUAD


Similar Part No. - TPS2082DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2082 TI-TPS2082 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2082 TI-TPS2082 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2082DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com