Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590DRVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2 x 2 QFN Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS62590DRVT Datasheet HTML 1Page - Texas Instruments TPS62590DRVT Datasheet HTML 2Page - Texas Instruments TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS62590
SLVS897B
– JANUARY 2009 – REVISED APRIL 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
PART NUMBER
OUTPUT
PACKAGE
PACKAGE
TA
PACKAGE(3)
ORDERING
VOLTAGE(2)
DESIGNATOR
MARKING
–40°C to 85°C
TPS62590
adjustable
QFN 2 x 2
DRV
TPS62590DRV
OAL
(1)
The DRV (2-mm x 2-mm 6-terminal QFN) packages are available in tape on reel. Add R suffix to order quantities of 3000 parts per reel
(TPS62590DRVR), and T suffix to order quantities with 250 parts per reel (TPS62590DRVT)
.
(2)
Contact TI for other fixed output voltage options
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VI
Input voltage range(2)
–0.3 to 7
Voltage range at EN, MODE
–0.3 to VIN +0.3, ≤ 7
V
Voltage on SW
–0.3 to 7
Peak output current
Internally limited
A
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
1
Machine model
200
V
TJ
Maximum operating junction temperature
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
THERMAL INFORMATION
TPS62590
THERMAL METRIC(1)
UNITS
DRV (6 PINS)
θJA
Junction-to-ambient thermal resistance
69.4
θJCtop
Junction-to-case (top) thermal resistance
79.8
θJB
Junction-to-board thermal resistance
38.7
°C/W
ψJT
Junction-to-top characterization parameter
1.3
ψJB
Junction-to-board characterization parameter
39.1
θJCbot
Junction-to-case (bottom) thermal resistance
9.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Supply voltage
2.5
5.5
V
Output voltage range for adjustable voltage
0.75
VIN
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com