Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC594 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AHC594
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC594 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AHC594 Datasheet HTML 1Page - Diodes Incorporated 74AHC594 Datasheet HTML 2Page - Diodes Incorporated 74AHC594 Datasheet HTML 3Page - Diodes Incorporated 74AHC594 Datasheet HTML 4Page - Diodes Incorporated 74AHC594 Datasheet HTML 5Page - Diodes Incorporated 74AHC594 Datasheet HTML 6Page - Diodes Incorporated 74AHC594 Datasheet HTML 7Page - Diodes Incorporated 74AHC594 Datasheet HTML 8Page - Diodes Incorporated 74AHC594 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74AHC594
Document number: DS35484 Rev. 3 - 2
4 of 11
www.diodes.com
June 2013
© Diodes Incorporated
74AHC594
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input transition Rise or Fall Rate
VCC = 3.0V to 3.6V
100
ns/V
VCC = 4.5V to 5.5V
20
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High-Level
Input Voltage
2.0V
1.5
1.5
1.5
V
3.0V
2.1
2.1
2.1
5.5V
3.85
3.85
3.85
VIL
Low-Level
Input Voltage
2.0V
0.5
0.5
0.5
V
3.0V
0.9
0.9
0.9
5.5V
1.65
1.65
1.65
VOH
High-Level
Output Voltage
IOH = -50μA
2.0V
1.9
2.0
1.9
1.9
V
IOH = -50μA
3.0V
2.9
3.0
2.9
2.9
IOH = -50μA
4.5V
4.4
4.5
4.4
4.4
IOH = -4mA
3.0V
2.58
2.48
2.40
IOH = -8mA
4.5V
3.94
3.80
3.70
VOL
Low-Level
Output Voltage
IOL = 50μA
2.0V
0
0.1
0.1
0.1
V
IOL = 50μA
3.0V
0
0.1
0.1
0.1
IOL = 50μA
4.5V
0
0.1
0.1
0.1
IOL = 4mA
3.0V
0.36
0.44
0.55
IOL = 8mA
4.5V
0.36
0.44
0.55
II
Input Current
VI = GND or 5.5V
5.5V
0.01 ± 0.1
± 1
± 2
μA
ICC
Supply Current
VI = GND or VCC
IO = 0
5.5V
4
40
80
μA
Ci
Input
Capacitance
Vi = VCC or GND
5.5V
3.5
10
10
10
pF


Similar Part No. - 74AHC594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74AHC594 NEXPERIA-74AHC594 Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHC594-Q100 NEXPERIA-74AHC594-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHC594BQ PHILIPS-74AHC594BQ Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74AHC594BQ NEXPERIA-74AHC594BQ Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
More results

Similar Description - 74AHC594

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com