Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8811 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL8811
Description  Boost/Buck/Inverting DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8811 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL8811 Datasheet HTML 3Page - Diodes Incorporated AL8811 Datasheet HTML 4Page - Diodes Incorporated AL8811 Datasheet HTML 5Page - Diodes Incorporated AL8811 Datasheet HTML 6Page - Diodes Incorporated AL8811 Datasheet HTML 7Page - Diodes Incorporated AL8811 Datasheet HTML 8Page - Diodes Incorporated AL8811 Datasheet HTML 9Page - Diodes Incorporated AL8811 Datasheet HTML 10Page - Diodes Incorporated AL8811 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AL8811
Document number: DS36090 Rev. 2 - 2
10 of 11
www.diodes.com
June 2013
© Diodes Incorporated
AL8811
Ordering Information
Part Number
Package Code
Packaging
Tube
13” Tape and Reel
Quantity
Part Number Suffix
Quantity
Part Number Suffix
AL8811M8-13
M8
MSOP-8
NA
NA
2500/Tape & Reel
-13
Marking Information
(1) MSOP-8
AL8811
( Top View )
Y W X
Part Number
Logo
Y : Year : 0~9
Internal Code
87
6
5
1
23
4
a~z : 27~52 week; z represents
W : Week : A~Z : 1~26 week;
52 and 53 week
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
MSOP-8
Dim Min Max
Typ
A
-
1.10
-
A1 0.05 0.15
0.10
A2 0.75 0.95
0.86
A3 0.29 0.49
0.39
b
0.22 0.38
0.30
c
0.08 0.23
0.15
D
2.90 3.10
3.00
E
4.70 5.10
4.90
E1 2.90 3.10
3.00
E3 2.85 3.05
2.95
e
-
-
0.65
L
0.40 0.80
0.60
a
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm
A
A1
A2
e
Seating Plane
Gauge Plane
L
See Detail C
Detail C
c
E1
E3
A3
1
E
y
x
D
b
0.25
4x10°
4x1


Similar Part No. - AL8811

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8812 DIODES-AL8812 Datasheet
402Kb / 11P
   BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
AL8812FDF-13 DIODES-AL8812FDF-13 Datasheet
402Kb / 11P
   BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
More results

Similar Description - AL8811

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
   220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
XLSEMI
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6008 ETC2-XL6008 Datasheet
302Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6297 HMSEMI-HM6297 Datasheet
484Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6007 ETC2-XL6007 Datasheet
157Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6298 HMSEMI-HM6298 Datasheet
628Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com