Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD744JN Datasheet(PDF) 3 Page - Analog Devices

Part # AD744JN
Description  Precision, 500 ns Settling BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD744JN Datasheet(HTML) 3 Page - Analog Devices

  AD744JN Datasheet HTML 1Page - Analog Devices AD744JN Datasheet HTML 2Page - Analog Devices AD744JN Datasheet HTML 3Page - Analog Devices AD744JN Datasheet HTML 4Page - Analog Devices AD744JN Datasheet HTML 5Page - Analog Devices AD744JN Datasheet HTML 6Page - Analog Devices AD744JN Datasheet HTML 7Page - Analog Devices AD744JN Datasheet HTML 8Page - Analog Devices AD744JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
AD744
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage
3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD744J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD744A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD744S/T . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 seconds) . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal Characteristics
8-Lead Plastic Package:
θ
JA = 100
°C/Watt, θ
JC = 33
°C/Watt
8-Lead Cerdip Package:
θ
JA = 110
°C/Watt, θ
JC = 22
°C/Watt
8-Lead Metal Can Package:
θ
JA = 150
°C/Watt, θ
JC = 65
°C/Watt
8-Lead SOIC Package:
θ
JA = 160
°C/Watt, θ
JC = 42
°C/Watt
3For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
*
AD744JN
0
°C to +70°C
N-8
AD744KN
0
°C to +70°C
N-8
AD744JR
0
°C to +70°C
SO-8
AD744KR
0
°C to +70°C
SO-8
AD744AQ
–40
°C to +85°C
Q-8
AD744BQ
–40
°C to +85°C
Q-8
AD744AH
–40
°C to +85°C
H-08A
AD744JCHIPS
0
°C to +70°CDie
AD744JR-REEL
0
°C to +70°C
Tape/Reel 13"
AD744JR-REEL 7
0
°C to +70°C
Tape/Reel 7"
AD744KR-REEL
0
°C to +70°C
Tape/Reel 13"
AD744KR-REEL 7
0
°C to +70°C
Tape/Reel 7"
AD744TA/883B
–55
°C to +125°C
H-08
*N = Plastic DIP; SO = Small Outline IC; Q = Cerdip; H = TO-99 Metal Can.
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).


Similar Part No. - AD744JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD744JN AD-AD744JN Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744JN AD-AD744JN Datasheet
459Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744JNZ AD-AD744JNZ Datasheet
562Kb / 15P
   Precision, 500 ns Settling BiFET Op Amp
Rev. D
More results

Similar Description - AD744JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD744 AD-AD744_15 Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744 Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744_V01 Datasheet
562Kb / 15P
   Precision, 500 ns Settling BiFET Op Amp
Rev. D
AD744AR AD-AD744AR Datasheet
459Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD746AN AD-AD746AN Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
431Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746 AD-AD746 Datasheet
428Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746 AD-AD746_15 Datasheet
431Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com