Electronic Components Datasheet Search |
|
AD744AQ Datasheet(PDF) 2 Page - Analog Devices |
|
AD744AQ Datasheet(HTML) 2 Page - Analog Devices |
2 / 12 page REV.C –2– AD744–SPECIFICATIONS (@ +25 C and 15 V dc, unless otherwise noted) AD744J/A/S AD744K/B/T Model Conditions Min Typ Max Min Typ Max Unit INPUT OFFSET VOLTAGE 1 Initial Offset 0.3 1.0 0.25 0.5 mV Offset TMIN to TMAX 2 1.0 mV vs. Temp. 5 20 5 10 µV/°C vs. Supply 2 82 95 88 100 dB vs. Supply TMIN to TMAX 82 88 dB Long-Term Stability 15 15 µV/month INPUT BIAS CURRENT 3 Either Input VCM = 0 V 30 100 30 100 pA Either Input @ TMAX =VCM = 0 V J, K 70 °C 0.7 2.3 0.7 2.3 nA A, B, C 85 °C 1.9 6.4 1.9 6.4 nA S, T 125 °C 31 102 31 102 nA Either Input VCM = +10 V 40 150 40 150 pA Offset Current VCM = 0 V 20 50 10 50 pA Offset Current @ TMAX =VCM = 0 V J, K 70 °C 0.4 1.1 0.2 1.1 nA A, B, C 85 °C 1.3 3.2 0.6 3.2 nA S, T 125 °C20 52 10 52 nA FREQUENCY RESPONSE Gain BW, Small Signal G = –1 8 13 9 13 MHz Full Power Response VO = 20 V p-p 1.2 1.2 MHz Slew Rate, Unity Gain G = –1 45 75 50 75 V/ µs Settling Time to 0.01% 4 G = –1 0.5 0.75 0.5 0.75 µs Total Harmonic f = 1 kHz Distortion R1 ≥ 2 kΩ VO = 3 V rms 0.0003 0.0003 % INPUT IMPEDANCE Differential 3 10 12 ||5.5 3 10 12 ||5.5 Ω||pF Common Mode 3 10 12 ||5.5 3 10 12 ||5.5 Ω||pF INPUT VOLTAGE RANGE Differential 5 ± 20 ± 20 V Common-Mode Voltage +14.5, –11.5 +14.5, –11.5 V Over Max Operating Range 6 –11 +13 –11 +13 V Common-Mode Rejection Ratio VCM = ±10 V 78 88 82 88 dB TMIN to TMAX 76 84 80 84 dB VCM = ±11 V 72 84 78 84 dB TMIN to TMAX 70 80 74 80 dB INPUT VOLTAGE NOISE 0.1 to 10 Hz 2 2 µV p-p f = 10 Hz 45 45 nV/ √Hz f = 100 Hz 22 22 nV/ √Hz f = 1 kHz 18 18 nV/ √Hz f = 10 kHz 16 16 nV/ √Hz INPUT CURRENT NOISE f = 1 kHz 0.01 0.01 pA/ √Hz OPEN LOOP GAIN 7 VO = ±10 V RLOAD ≥ 2 kΩ 200 400 250 400 V/mV TMIN to TMAX 100 100 V/mV OUTPUT CHARACTERISTICS Voltage RLOAD ≥ 2 kΩ +13, –12.5 +13.9, –13.3 +13, –12.5 +13.9, –13.3 V TMIN to TMAX ± 12 +13.8, –13.1 ± 12 +13.8, –13.1 V Current Short Circuit 25 25 mA Capacitive Load 8 Gain = –1 1000 1000 pF POWER SUPPLY Rated Performance ± 15 ± 15 V Operating Range ± 4.5 ± 18 ± 4.5 ± 18 V Quiescent Current 3.5 5.0 3.5 4.0 mA NOTES 1Input offset voltage specifications are guaranteed after 5 minutes of operation at T A = +25 °C. 2PSRR test conditions: +V S = 15 V, –VS = –12 V to –18 V and +VS = +12 V to +18 V, –VS = –15 V. 3Bias Current Specifications are guaranteed maximum at either input after 5 minutes of operation at T A = +25 °C. For higher temperature, the current doubles every 10°C. 4Gain = –1, R L = 2 k, CL = 10 pF, refer to Figure 25. 5Defined as voltage between inputs, such that neither exceeds ±10 V from ground. 6Typically exceeding –14.1 V negative common-mode voltage on either input results in an output phase reversal. 7Open-Loop Gain is specified with V OS both nulled and unnulled. 8Capacitive load drive specified for C COMP = 20 pF with the device connected as shown in Figure 32. Under these conditions, slew rate = 14 V/ µs and 0.01% settling time = 1.5 µs typical. Refer to Table II for optimum compensation while driving a capacitive load. Specifications subject to change without notice. All min and max specifications are guaranteed. |
Similar Part No. - AD744AQ |
|
Similar Description - AD744AQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |