Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD744AH Datasheet(PDF) 11 Page - Analog Devices

Part # AD744AH
Description  Precision, 500 ns Settling BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD744AH Datasheet(HTML) 11 Page - Analog Devices

Back Button AD744AH Datasheet HTML 4Page - Analog Devices AD744AH Datasheet HTML 5Page - Analog Devices AD744AH Datasheet HTML 6Page - Analog Devices AD744AH Datasheet HTML 7Page - Analog Devices AD744AH Datasheet HTML 8Page - Analog Devices AD744AH Datasheet HTML 9Page - Analog Devices AD744AH Datasheet HTML 10Page - Analog Devices AD744AH Datasheet HTML 11Page - Analog Devices AD744AH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. C
AD744
–11–
Table IV. Performance Summary for the 3 Op Amp
Instrumentation Amplifier Circuit
Gain
RG
Bandwidth
T Settle (0.01%)
1
NC
3.5 MHz
1.5
µs
2
20 k
2.5 MHz
1.0
µs
10
2.22 k
1 MHz
2
µs
100
202
290 kHz
5
µs
Figure 37. The Pulse Response of the 3 Op Amp
Instrumentation Amplifier. Gain = 1, l Horizontal Scale:
0.5
µV/div., Vertical Scale: 5 V/div. (Gain= 10)
Figure 38. Settling Time of the 3 Op Amp Instrumentation
Amplifier. Horizontal Scale: 500 ns/div., Vertical Scale,
Pulse Input: 5 V/div., Output Settling: 1 mV/div.
Minimizing Settling Time in Real-World Applications
An amplifier with a “single pole” or “ideal” integrator open-loop
frequency response will achieve the minimum possible settling
time for any given unity-gain bandwidth. However, when this
“ideal” amplifier is used in a practical circuit, the actual settling
time is increased above the minimum value because of added
time constants which are introduced due to additional capacitance
on the amplifier’s summing junction. The following discussion
will explain how to minimize this increase in settling time by the
selection of the proper value for feedback capacitor, CL.
If an op amp is modeled as an ideal integrator with a unity gain
crossover frequency, fO, Equation 1 will accurately describe the
small signal behavior of the circuit of Figure 39. This circuit
models an op amp connected as an I-to-V converter.
Equation 1 would completely describe the output of the system
if not for the op amp’s finite slew rate and other nonlinear
effects. Even considering these effects, the fine scale settling to
<0.1% will be determined by the op amp’s small signal behav-
ior. Equation 1.
V
O
I
IN
=
– R
RC
L + CX
()
2
πF
O
s
2
+
G
N
2
πF
O
+ RC
L


s
+1
Where FO = the op amp’s unity gain crossover frequency
G
N = the “noise ” gain of the circuit
1
+
R
R
O


This Equation May Then Be Solved for CL:
Equation 2.
C
L =
2
− G
N
R 2
πF
O
+
2 RC
X 2πFO + 1 − GN
()
R 2
πF
O
In these equations, capacitance CX is the total capacitance appear-
ing at the inverting terminal of the op amp. When modeling an
I-to-V converter application, the Norton equivalent circuit of
Figure 39 can be used directly. Capacitance CX is the total capaci-
tance of the output of the current source plus the input capacitance
of the op amp, which includes any stray capacitance at the op
amp’s input.
AD744
CL
VOUT
RO
R
CCOMP (OPTIONAL)
CX
IO
RL
CLOAD
Figure 39. A Simplified Model of the AD744 Used as a
Current-to-Voltage Converter
When RO and IO are replaced with their Thevenin VIN and RIN
equivalents, the general purpose inverting amplifier model of
Figure 40 is created. Here capacitor CX represents the input
capacitance of the AD744 (5.5 pF) plus any stray capacitance
due to wiring and the type of IC package employed.
AD744
CL
VOUT
RIN
R
CCOMP (OPTIONAL)
CX
VIN
RL
CLOAD
Figure 40. A Simplified Model of the AD744 Used
as an Inverting Amplifier


Similar Part No. - AD744AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD744AH AD-AD744AH Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744AH AD-AD744AH Datasheet
459Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
More results

Similar Description - AD744AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD744 AD-AD744_15 Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744 Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744_V01 Datasheet
562Kb / 15P
   Precision, 500 ns Settling BiFET Op Amp
Rev. D
AD744AR AD-AD744AR Datasheet
459Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD746AN AD-AD746AN Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
431Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746 AD-AD746 Datasheet
428Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746 AD-AD746_15 Datasheet
431Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com