Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8015ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8015ARZ
Description  Wideband/Differential Output Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8015ARZ Datasheet(HTML) 8 Page - Analog Devices

  AD8015ARZ Datasheet HTML 1Page - Analog Devices AD8015ARZ Datasheet HTML 2Page - Analog Devices AD8015ARZ Datasheet HTML 3Page - Analog Devices AD8015ARZ Datasheet HTML 4Page - Analog Devices AD8015ARZ Datasheet HTML 5Page - Analog Devices AD8015ARZ Datasheet HTML 6Page - Analog Devices AD8015ARZ Datasheet HTML 7Page - Analog Devices AD8015ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. A
–8–
AD8015
AC COUPLED PHOTODIODE APPLICATION FOR
IMPROVED DYNAMIC RANGE
AC coupling the photodiode current input to the AD8015 (Fig-
ure 17) extends fiber optic receiver overload by 3 dB while sacri-
ficing only 1 dB of sensitivity (increasing receiver dynamic range
by 2 dB). This application results in typical overload of –4 dBm,
and typical sensitivity of –35 dBm. AC coupling the input also
results in improved pulse width modulation performance.
Careful attention to minimize parasitic capacitance at the
AD8015 input (from the photodetector input), RAC and CAC are
critical for sensitivity performance in this application. Note that
CAC of 0.01
µF was chosen for a low frequency cutoff equal to
2.2 kHz.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Small Outline IC Package (SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.020 (0.51)
0.013 (0.33)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
0.2440 (6.20)
0.2284 (5.80)
V1
+VS
CLOCK
RECOVERY
LPF:
3dB@
0.7 x F
LPF:
3dB@
0.7 x F
QUANTIZER
R > 40
C1 >100pF
4.5V < VS < 11V
CLK
DATA
R
R
C1
10k
5
6
7
8
4
3
2
1
AD8015
50
+1
G = 3
G = 30
50
+1
– +
+VS
1.7V
+VS
CAC
0.01µF
RAC
7k
Figure 17. AC Coupled Photodiode Application for Improved Dynamic Range


Similar Part No. - AD8015ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015AR AD-AD8015AR Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results

Similar Description - AD8015ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
[Old version datasheet]   LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
[Old version datasheet]   LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com