Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG211AKNZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG211AKNZ
Description  LC2MOS Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG211AKNZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG211AKNZ Datasheet HTML 5Page - Analog Devices ADG211AKNZ Datasheet HTML 6Page - Analog Devices ADG211AKNZ Datasheet HTML 7Page - Analog Devices ADG211AKNZ Datasheet HTML 8Page - Analog Devices ADG211AKNZ Datasheet HTML 9Page - Analog Devices ADG211AKNZ Datasheet HTML 10Page - Analog Devices ADG211AKNZ Datasheet HTML 11Page - Analog Devices ADG211AKNZ Datasheet HTML 12Page - Analog Devices ADG211AKNZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADG211A/ADG212A
Rev. C | Page 9 of 16
TERMINOLOGY
RON
Ohmic resistance between the out and S terminals.
RON Match
Difference between the RON of any two channels.
IS (Off)
Source terminal leakage current when the switch is off.
ID (Off)
Drain terminal leakage current when the switch is off.
ID (On)
Leakage current that flows from the closed switch into the body.
VD (VS)
Analog voltage on the D, S terminals.
CS (Off)
Switch input capacitance off condition.
CD (Off)
Switch output capacitance off condition.
CIN
Digital input capacitance.
CD, CS (On)
Input or output capacitance when the switch is on.
tON
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tOPEN
Off time measured between 50% points of both switches, which
are connected as a multiplexer when switching from one
address state to another.
VINL
Maximum input voltage for a logic low.
VINH
Minimum input voltage for a logic high.
IINL (IINH)
Input current of the digital input.
VDD
Most positive voltage supply.
VSS
Most negative voltage supply.
VL
Logic supply voltage.
IDD
Positive supply current.
ISS
Negative supply current.


Similar Part No. - ADG211AKNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
More results

Similar Description - ADG211AKNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com