Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA40N25 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQA40N25
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA40N25 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA40N25 Datasheet HTML 1Page - Fairchild Semiconductor FQA40N25 Datasheet HTML 2Page - Fairchild Semiconductor FQA40N25 Datasheet HTML 3Page - Fairchild Semiconductor FQA40N25 Datasheet HTML 4Page - Fairchild Semiconductor FQA40N25 Datasheet HTML 5Page - Fairchild Semiconductor FQA40N25 Datasheet HTML 6Page - Fairchild Semiconductor FQA40N25 Datasheet HTML 7Page - Fairchild Semiconductor FQA40N25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 

     
    

    !" # $%#&##'( # 
)*+#,-*./*/Ω, 0 
- *.1**.1µ /2/0 
"  !"  **µ 3%(%(  4
5 %   6   # 


  





B+
 B>+ 
+-'+6-)*'µ(
)*'


+
∆B+
$∆
B>+ 
 
6-)*'µ(, )*7

' )&

+$7
6
C:+ 
+-)*'++-'+


0
µ(
+-)''+-0)*7


0'
µ(
6
:B1>
+-;'++-'+


0''
(
6
:B1>,!
+-;'++-'+


0''
(
 
+
: + 
+-+6-)*'µ(
; '

* '
+
,
  
, 
+-0'+6-)'(

' '*0
' '.

   
+-*'+6-)'(

)D


 

6  
+-)*++-'+
-0 'E#


;0''
&'''


  

9)'
3''


,!  

.'
D'

   

 
+-0)*+6-&'(
,-)*Ω


.'
0*'


,

*3'
00*'


 

0)'
)*'


 

09*
;&'

F
 :
+-)''+6-&'(
+-0'+


3*
00'

F
: 

)*


F
:

&9


     
6
A 


&'
(
6
A8  


09'
(
+
 + 
+-'+6-&'(


0 *
+

,!, !
+-'+6-&'(
6$-0''($µ

))'


F
,!, !

) '

µ


Similar Part No. - FQA40N25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQA40N25 ISC-FQA40N25 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQA40N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com