Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26480SQ-AA_NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM26480SQ-AA_NOPB
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-AA_NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM26480SQ-AA_NOPB Datasheet HTML 1Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 2Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 3Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 4Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 5Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 6Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 7Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 8Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
OSC
Logic
Control and
registers
GND_SW1
GND_SW2
CVDD
4.7 µF
BUCK1
BUCK2
LDO2
RESET
LDO2
GND_C
BIAS
Thermal
Shutdown
LSW 1 2.2 µH
VINLDO1
1
24
6
13
19
5
8
23
4
9
18
LDO1
LDO1
20
CLDO1
0.47 µF
VINLDO12
CLDO2
0.47 µF
LM26480 PMIC
15
SYNC
2
10
ENLDO1
17
ENLDO2
16
GND_L
ENSW1
ENSW2
12
7
1.8V
1.2V
3.3V
3.3V
VINLDO2
AVDD
AVDD
10 µF
10 µF
1 µF
1 µF
1 µF
1 µF
Power On
Reset
nPOR
VDD
FB1
FB2
3
CSW1
10 µF
R1
R2
C1
C2
SW1
FB1
VBUCK1
LSW 2 2.2 µH
14
11
CSW2
10 µF
R1
R2
C1
C2
SW2
FB2
VBUCK2
R1
R2
R1
R2
21
22
FBL1
FBL2
100k
Power
ON-
OFF
Logic
Input
Voltage
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
Figure 1. Application Circuit
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM26480


Similar Part No. - LM26480SQ-AA_NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480SQ-AA NSC-LM26480SQ-AA Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480SQ-AA NSC-LM26480SQ-AA Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Similar Description - LM26480SQ-AA_NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com