Electronic Components Datasheet Search |
|
FQA5N90 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FQA5N90 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page Rev. A, September 2000 (Note 4) (Note 4, 5) (Note 4, 5) (Note 4) ©2000 Fairchild Semiconductor International Electrical Characteristics TC = 25°C unless otherwise noted Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 37mH, IAS = 5.8A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C 3. ISD ≤ 5.4A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C 4. Pulse Test : Pulse width ≤ 300 µs, Duty cycle ≤ 2% 5. Essentially independent of operating temperature Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 µA 900 -- -- V ∆BV DSS / ∆T J Breakdown Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C -- 1.0 -- V/°C IDSS Zero Gate Voltage Drain Current VDS = 900 V, VGS = 0 V -- -- 10 µA VDS = 720 V, TC = 125°C -- -- 100 µA IGSSF Gate-Body Leakage Current, Forward VGS = 30 V, VDS = 0 V -- -- 100 nA IGSSR Gate-Body Leakage Current, Reverse VGS = -30 V, VDS = 0 V -- -- -100 nA On Characteristics VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA 3.0 -- 5.0 V RDS(on) Static Drain-Source On-Resistance VGS = 10 V, ID = 2.9 A -- 1.8 2.3 Ω gFS Forward Transconductance VDS = 50 V, ID = 2.9 A -- 5.9 -- S Dynamic Characteristics Ciss Input Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz -- 1200 1550 pF Coss Output Capacitance -- 110 145 pF Crss Reverse Transfer Capacitance -- 13 17 pF Switching Characteristics td(on) Turn-On Delay Time VDD = 450 V, ID = 5.4 A, RG = 25 Ω -- 28 65 ns tr Turn-On Rise Time -- 65 140 ns td(off) Turn-Off Delay Time -- 65 140 ns tf Turn-Off Fall Time -- 50 110 ns Qg Total Gate Charge VDS = 720 V, ID = 5.4 A, VGS = 10 V -- 31 40 nC Qgs Gate-Source Charge -- 7.2 -- nC Qgd Gate-Drain Charge -- 15 -- nC Drain-Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain-Source Diode Forward Current -- -- 5.8 A ISM Maximum Pulsed Drain-Source Diode Forward Current -- -- 23.2 A VSD Drain-Source Diode Forward Voltage VGS = 0 V, IS = 5.8 A -- -- 1.4 V trr Reverse Recovery Time VGS = 0 V, IS = 5.4 A, dIF / dt = 100 A/µs -- 610 -- ns Qrr Reverse Recovery Charge -- 5.26 -- µC |
Similar Part No. - FQA5N90 |
|
Similar Description - FQA5N90 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |