Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA65N06 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQA65N06
Description  60V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA65N06 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQA65N06 Datasheet HTML 1Page - Fairchild Semiconductor FQA65N06 Datasheet HTML 2Page - Fairchild Semiconductor FQA65N06 Datasheet HTML 3Page - Fairchild Semiconductor FQA65N06 Datasheet HTML 4Page - Fairchild Semiconductor FQA65N06 Datasheet HTML 5Page - Fairchild Semiconductor FQA65N06 Datasheet HTML 6Page - Fairchild Semiconductor FQA65N06 Datasheet HTML 7Page - Fairchild Semiconductor FQA65N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2001
QFETTM
©2001 Fairchild Semiconductor Corporation
Rev. A1. May 2001
FQA65N06
60V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as automotive, DC/
DC converters, and high efficiency switching for power
management in portable and battery operated products.
Features
• 72A, 60V, RDS(on) = 0.016Ω @VGS = 10 V
• Low gate charge ( typical 48 nC)
• Low Crss ( typical 100 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQA65N06
Units
VDSS
Drain-Source Voltage
60
V
ID
Drain Current
- Continuous (TC = 25°C)
72
A
- Continuous (TC = 100°C)
51
A
IDM
Drain Current
- Pulsed
(Note 1)
288
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
665
mJ
IAR
Avalanche Current
(Note 1)
72
A
EAR
Repetitive Avalanche Energy
(Note 1)
18.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
PD
Power Dissipation (TC = 25°C)
183
W
- Derate above 25°C
1.22
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.82
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-3P
FQA Series
G
S
D


Similar Part No. - FQA65N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQA65N06 ISC-FQA65N06 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQA65N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com