Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2937IMP-2.5 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2937IMP-2.5
Description  LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937IMP-2.5 Datasheet(HTML) 5 Page - Texas Instruments

  LM2937IMP-2.5 Datasheet HTML 1Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 2Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 3Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 4Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 5Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 6Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 7Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 8Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM2937-2.5, LM2937-3.3
www.ti.com
SNVS015E – FEBRUARY 1998 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Line Transient Response
Load Transient Response
Figure 11.
Figure 12.
Ripple Rejection
Output Impedance
Figure 13.
Figure 14.
Maximum Power Dissipation (TO-220)
Maximum Power Dissipation (DDPAK/TO-263) (1)
Figure 15.
Figure 16.
(1)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125 − TA)/θJA, where 125 is the maximum junction
temperature for operation, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. If this dissipation is
exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature rises above
150°C, the regulator will go into thermal shutdown. The junction-to-ambient thermal resistance
θJA is 65°C/W, for the TO-220 package,
73°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. When used with a heatsink,
θJA is the sum of the
device junction-to-case thermal resistance
θJC of 3°C/W and the heatsink case-to-ambient thermal resistance. If the DDPAK/TO-263 or
SOT-223 packages are used, the thermal resistance can be reduced by increasing the P.C. board copper area thermally connected to
the package (see Application Hints for more information on heatsinking).
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2937-2.5 LM2937-3.3


Similar Part No. - LM2937IMP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937IMP-2.5 NSC-LM2937IMP-2.5 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937IMP-2.5 TI1-LM2937IMP-2.5 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937IMP-2.5/NOPB TI1-LM2937IMP-2.5/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results

Similar Description - LM2937IMP-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com