Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6772BIN Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC6772BIN
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6772BIN Datasheet(HTML) 4 Page - Texas Instruments

  LMC6772BIN Datasheet HTML 1Page - Texas Instruments LMC6772BIN Datasheet HTML 2Page - Texas Instruments LMC6772BIN Datasheet HTML 3Page - Texas Instruments LMC6772BIN Datasheet HTML 4Page - Texas Instruments LMC6772BIN Datasheet HTML 5Page - Texas Instruments LMC6772BIN Datasheet HTML 6Page - Texas Instruments LMC6772BIN Datasheet HTML 7Page - Texas Instruments LMC6772BIN Datasheet HTML 8Page - Texas Instruments LMC6772BIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LMC6772
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
www.ti.com
5.0V and 15.0V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5.0V and 15.0V, V= 0V, V
CM = V
+/2. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
Typ(1)
LMC6772AI LMC6772BI
LMC6772Q
Units
Limit(2)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
3
5
15
10
mV
8
18
13
max
TCVOS
Input Offset Voltage Temperature V+ = 5V
2.0
μV/°C
Drift
V+ = 15V
4.0
Input Offset Voltage Average
V+ = 5V(3)
3.3
μV/Mont
Drift
h
V+ = 15V(3)
4.0
IB
Input Current
V = 5V
0.04
pA
IOS
Input Offset Current
V+ = 5V
0.02
pA
CMRR
Common Mode Rejection Ratio
V+ = 5V
75
dB
V+ = 15V
82
PSRR
Power Supply Rejection Ratio
±2.5V < VS < ±5V
80
dB
AV
Voltage Gain
(By Design)
100
dB
VCM
Input Common-Mode Voltage
V+ = 5.0V
5.3
5.2
5.2
5.2
V
Range
CMRR > 55 dB
5.0
5.0
5.0
min
−0.3
−0.2
−0.2
−0.2
Vmax
0.0
0.0
0.0
V+ = 15.0V
15.3
15.2
15.2
15.2
V
CMRR > 55 dB
15.0
15.0
15.0
min
−0.3
−0.2
−0.2
−0.2
V
0.0
0.0
0.0
max
VOL
Output Voltage Low
V+ = 5V
0.2
0.4
0.4
0.4
V
ILOAD = 5 mA
0.55
0.55
0.55
max
V+ = 15V
0.2
0.4
0.4
0.4
V
ILOAD = 5 mA
0.55
0.55
0.55
max
IS
Supply Current
For Both Comparators
12
20
20
20
μA
(Output Low)
25
25
25
max
ISC
Short Circuit Current
V+ = 15V, Sinking, VO =
45
mA
12V(4)
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Input offset voltage Average Drift is calculated by dividing the accelerated operating life drift average by the equivalent operational time.
The input offset voltage average drift represents the input offset voltage change at worst-case input conditions.
(4)
Do not short circuit output to V+, when V+ is > 12V or reliability will be adversely affected.
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LMC6772


Similar Part No. - LMC6772BIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772BIN NSC-LMC6772BIN Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
LMC6772BIN TI1-LMC6772BIN Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772BIN/NOPB TI-LMC6772BIN/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772BINNOPB TI1-LMC6772BINNOPB Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Similar Description - LMC6772BIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com