Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2672LDX-ADJ Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2672LDX-ADJ
Description  Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2672LDX-ADJ Datasheet(HTML) 4 Page - Texas Instruments

  LM2672LDX-ADJ Datasheet HTML 1Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 2Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 3Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 4Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 5Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 6Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 7Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 8Page - Texas Instruments LM2672LDX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TI Confidential - NDA Restrictions
LM2731
SNVS217F – MAY 2004 – REVISED NOVEMBER 2012
www.ti.com
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified: VIN = 5V, VSHDN = 5V, IL = 0A.
Parameter
Test Conditions
Min(1)
Typ(2)
Max(1)
Units
VIN
Input Voltage
2.7
14
V
VOUT (MIN)
Minimum Output Voltage
RL = 43Ω
VIN = 2.7V
5.4
7
V
Under Load
X Option(3)
VIN = 3.3V
8
10
VIN = 5V
16
RL = 43Ω
VIN = 2.7V
6
7.5
Y Option(3)
VIN = 3.3V
8.75
11
VIN = 5V
15
RL = 15Ω
VIN = 2.7V
3.75
5
X Option(3)
VIN = 3.3V
5
6.5
VIN = 5V
10
RL = 15Ω
VIN = 2.7V
4
5
Y Option(3)
VIN = 3.3V
5.5
7
VIN = 5V
10
ISW
Switch Current Limit
See(4)
1.8
2
A
1.4
RDS(ON)
Switch ON Resistance
ISW = 100 mA
260
400
m
Vin = 5V
500
ISW = 100 mA
300
450
Vin = 3.3V
550
SHDNTH
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.50
ISHDN
Shutdown Pin Bias Current VSHDN = 0
0
µA
VSHDN = 5V
0
2
VFB
Feedback Pin Reference
VIN = 3V
1.205
1.230
1.255
V
Voltage
IFB
Feedback Pin Bias Current
VFB = 1.23V
60
500
nA
IQ
Quiescent Current
VSHDN = 5V, Switching "X"
2
3.0
mA
VSHDN = 5V, Switching "Y"
1.0
2
VSHDN = 5V, Not Switching
400
500
µA
VSHDN = 0
0.024
1
ΔVFB/ΔVIN
FB Voltage Line
2.7V
≤ VIN ≤ 14V
0.02
%/V
Regulation
FSW
Switching Frequency(5)
“X” Option
1
1.6
1.85
MHz
“Y” Option
0.40
0.60
0.8
DMAX
Maximum Duty Cycle(5)
“X” Option
78
86
%
“Y” Option
88
93
IL
Switch Leakage
Not Switching VSW = 5V
1
µA
(1)
Limits are guaranteed by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
L = 10 µH, COUT = 4.7 µF, duty cycle = maximum
(4)
Switch current limit is dependent on duty cycle (see Typical Performance Characteristics).
(5)
Guaranteed limits are the same for Vin = 3.3V input.
4
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2731


Similar Part No. - LM2672LDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672LDX-ADJ NSC-LM2672LDX-ADJ Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672LDX-ADJ NSC-LM2672LDX-ADJ Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672LDX-ADJ NSC-LM2672LDX-ADJ Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
More results

Similar Description - LM2672LDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com