Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA555I Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA555I
Description  Single Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA555I Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA555I Datasheet HTML 5Page - Fairchild Semiconductor KA555I Datasheet HTML 6Page - Fairchild Semiconductor KA555I Datasheet HTML 7Page - Fairchild Semiconductor KA555I Datasheet HTML 8Page - Fairchild Semiconductor KA555I Datasheet HTML 9Page - Fairchild Semiconductor KA555I Datasheet HTML 10Page - Fairchild Semiconductor KA555I Datasheet HTML 11Page - Fairchild Semiconductor KA555I Datasheet HTML 12Page - Fairchild Semiconductor KA555I Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
KA555
KA555
KA555
KA555
9
9
9
9
6. Linear Ramp
6. Linear Ramp
6. Linear Ramp
6. Linear Ramp
When the pull-up resistor RA in the monostable circuit shown in Figure 1 is replaced with constant current source, the VC1
increases linearly, generating a linear ramp. Figure 13 shows the linear ramp generating circuit and Figure 14 illustrates the
generated linear ramp waveforms.
In Figure 13, current source is created by PNP transistor Q1 and resistor R1, R2, and RE.
For example, if Vcc=15V, RE=20kΩ, R1=5kW, R2=10kΩ, and VBE=0.7V,
VE=0.7V+10V=10.7V
Ic=(15-10.7)/20k=0.215mA
When the trigger starts in a timer configured as shown in Figure 13, the current flowing through capacitor C1 becomes a
8
4
7
1
2
3
5
6
CONT
GND
Vcc
DISCH
THRES
RESET
TRIG
OUT
+Vcc
+Vcc
+Vcc
+Vcc
R
R
R
R
A
A
A
A
C
C
C
C
R
R
R
R
B
B
B
B
Modulation
Modulation
Modulation
Modulation
Output
Output
Output
Output
Figure 11. Circuit for Pulse Position Modulation
Figure 11. Circuit for Pulse Position Modulation
Figure 11. Circuit for Pulse Position Modulation
Figure 11. Circuit for Pulse Position Modulation
Figure 12. Waveforms of pulse position modulation
Figure 12. Waveforms of pulse position modulation
Figure 12. Waveforms of pulse position modulation
Figure 12. Waveforms of pulse position modulation
Figure 13. Circuit for Linear Ramp
Figure 13. Circuit for Linear Ramp
Figure 13. Circuit for Linear Ramp
Figure 13. Circuit for Linear Ramp
Figure 14. Waveforms of Linear Ramp
Figure 14. Waveforms of Linear Ramp
Figure 14. Waveforms of Linear Ramp
Figure 14. Waveforms of Linear Ramp
1
5
6
7
8
4
2
3
RESET
Vcc
DISCH
THRES
CONT
GND
OUT
TRIG
+Vcc
C2
R1
R2
C1
Q1
Output
RE
I
C
V
CC
V
E
R
E
−−−−−−−−−−−−−−−−
=
12
()
Here, V
E is
V
E
V
BE
R
2
R
1
R
2
+
−−−−−−−−−−−−−V
CC
+
=
13
()


Similar Part No. - KA555I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
More results

Similar Description - KA555I

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com