Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C2550IQ48-F Datasheet(PDF) 10 Page - Exar Corporation

Part # ST16C2550IQ48-F
Description  Up to 4 Mbps with external clock of 64 MHz
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IQ48-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST16C2550IQ48-F Datasheet HTML 6Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 7Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 8Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 9Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 10Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 11Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 12Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 13Page - Exar Corporation ST16C2550IQ48-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ST16C2550
10
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
REV. 4.4.1
2.7
Crystal Oscillator or External Clock Input
The C2550 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. See “Programmable Baud Rate
Generator” on page 10.
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47 pF
C2
22-47 pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500 ΚΩ − 1 Μ Ω
XTAL1
XTAL2
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4), with an external 500k
Ω to
1 M
Ω resistor across it. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal
baud rate generator for standard or custom rates. Typical oscillator connections are shown in Figure 4. For
further reading on oscillator circuit please see application note DAN108 on EXAR’s web site.
2.8
Programmable Baud Rate Generator
A single baud rate generator is provided for the transmitter and receiver, allowing independent TX/RX channel
control. The programmable Baud Rate Generator is capable of operating with a crystal frequency of up to 24
MHz. However, with an external clock input on XTAL1 pin and a 2K ohms pull-up resistor on XTAL2 pin (as
shown in Figure 5) it can extend its operation up to 64 MHz (4Mbps serial data rate) at room temperature and
5.0V.


Similar Part No. - ST16C2550IQ48-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550IQ48 EXAR-ST16C2550IQ48 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - ST16C2550IQ48-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
New Japan Radio
NJU6359 NJRC-NJU6359 Datasheet
330Kb / 11P
   SERIAL I/O REAL TIME CLOCK WITH WAKE-UP OUTPUT for EXTERNAL CLOCK
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
NXP Semiconductors
KE1XZP48M48SF0 NXP-KE1XZP48M48SF0 Datasheet
1Mb / 82P
   Kinetis KE1xZ with up to 64 KB Flash
Rev. 3, 06/2020
logo
List of Unclassifed Man...
ST-85540 ETC-ST-85540 Datasheet
114Kb / 1P
   64 MBPS INTERFACE TRANSFORMERS
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com