Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C2550CP40 Datasheet(PDF) 6 Page - Exar Corporation

Part # ST16C2550CP40
Description  Up to 4 Mbps with external clock of 64 MHz
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550CP40 Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST16C2550CP40 Datasheet HTML 2Page - Exar Corporation ST16C2550CP40 Datasheet HTML 3Page - Exar Corporation ST16C2550CP40 Datasheet HTML 4Page - Exar Corporation ST16C2550CP40 Datasheet HTML 5Page - Exar Corporation ST16C2550CP40 Datasheet HTML 6Page - Exar Corporation ST16C2550CP40 Datasheet HTML 7Page - Exar Corporation ST16C2550CP40 Datasheet HTML 8Page - Exar Corporation ST16C2550CP40 Datasheet HTML 9Page - Exar Corporation ST16C2550CP40 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ST16C2550
6
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
REV. 4.4.1
NOTE: Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
CTSB#
25
28
23
I
UART channel B Clear-to-Send (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
DTRB#
34
38
35
O
UART channel B Data-Terminal-Ready (active low) or
general purpose output. If it is not used, leave it uncon-
nected.
DSRB#
22
25
20
I
UART channel B Data-Set-Ready (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
CDB#
19
21
16
I
UART channel B Carrier-Detect (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
RIB#
23
26
21
I
UART channel B Ring-Indicator (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
OP2B#
13
15
9
O
Output Port 2 Channel B - The output state is defined by
the user and through the software setting of MCR[3].
INTB is set to the active mode and OP2B# output to a
logic 0 when MCR[3] is set to a logic 1. INTB is set to the
three state mode and OP2B# to a logic 1 when MCR[3] is
set to a logic 0. See MCR[3]. This output should not be
used as a general output else it will disturb the INTB out-
put functionality. If it is not used, leave it unconnected.
ANCILLARY SIGNALS
XTAL1
16
18
13
I
Crystal or external clock input.
XTAL2
17
19
14
O
Crystal or buffered clock output.
RESET
35
39
36
I
Reset (active high) - A longer than 40 ns logic 1 pulse on
this pin will reset the internal registers and all outputs.
The UART transmitter output will be held at logic 1, the
receiver input will be ignored and outputs are reset during
reset period (see External Reset Conditions).
VCC
40
44
42
Pwr
2.97V to 5.5V power supply. All inputs are 5V tolerant for
devices with top marking of "A2 YYWW" and newer.
GND
20
22
17
Pwr
Power supply common, ground.
N.C.
-
-
12, 24, 25,
37
No Connection. These pins are open, but typically, should
be connected to GND for good design practice.
Pin Description
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - ST16C2550CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - ST16C2550CP40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
New Japan Radio
NJU6359 NJRC-NJU6359 Datasheet
330Kb / 11P
   SERIAL I/O REAL TIME CLOCK WITH WAKE-UP OUTPUT for EXTERNAL CLOCK
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
NXP Semiconductors
KE1XZP48M48SF0 NXP-KE1XZP48M48SF0 Datasheet
1Mb / 82P
   Kinetis KE1xZ with up to 64 KB Flash
Rev. 3, 06/2020
logo
List of Unclassifed Man...
ST-85540 ETC-ST-85540 Datasheet
114Kb / 1P
   64 MBPS INTERFACE TRANSFORMERS
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com