Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764AEFEPBF Datasheet(PDF) 7 Page - Linear Dimensions Semiconductor

Part # LT1764AEFEPBF
Description  3A, Fast Transient Response, Low Noise, LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1764AEFEPBF Datasheet(HTML) 7 Page - Linear Dimensions Semiconductor

Back Button LT1764AEFEPBF Datasheet HTML 3Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1764AEFEPBF Datasheet HTML 11Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1764A Series
1764afb
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN Pin Threshold
(On-to-Off)
SHDN Pin Input Current
SHDN Pin Input Current
ADJ Pin Bias Current
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1764 G22
0.2
0.8
0.9
0.6
–25
25
100
125
IL = 1mA
SHDN Pin Threshold
(Off-to-On)
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1764 G23
0.2
0.8
0.9
0.6
–25
25
100
125
IL = 3A
IL = 1mA
SHDN PIN VOLTAGE (V)
0
6
8
10
16
1764 G24
4
2
5
7
9
3
1
0
4
8
12
218
6
10
14
20
TEMPERATURE (
°C)
–50
0
1
3
4
5
10
7
0
50
75
1764 G25
2
8
9
6
–25
25
100
125
VSHDN = 20V
TEMPERATURE (
°C)
–50
25
1756 G26
–25
0
50
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
75
100
125
LT1764A-2.5 GND Pin Current
LT1764A-3.3 GND Pin Current
LT1764A GND Pin Current
GND Pin Current vs ILOAD
INPUT VOLTAGE (V)
0
120
160
200
8
1764 G18
80
40
0
2
4
6
19
3
5
7
10
RL = 0.83Ω
IL = 3A*
RL = 3.57Ω
IL = 0.7A*
RL = 1.66Ω
IL = 1.5A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 2.5V
INPUT VOLTAGE (V)
0
120
160
200
8
1764 G19
80
40
0
2
4
6
19
3
5
7
10
RL = 1.1Ω
IL = 3A*
RL = 2.2Ω
IL = 1.5A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 3.3V
RL = 4.71Ω
IL = 0.7A*
INPUT VOLTAGE (V)
0
90
120
150
8
1764 G20
60
30
0
2
4
6
19
3
5
7
10
RL = 0.4Ω
IL = 3A*
RL = 0.81Ω
IL = 1.5A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.21V
RL = 1.73Ω
IL = 0.7A*
OUTPUT CURRENT (A)
0
60
80
100
1.5
2.5
1764 G21
40
20
0
0.5
1.0
2.0
120
140
160
3.0
VIN = VOUT(NOM) + 1V


Similar Part No. - LT1764AEFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AEFE LINER-LT1764AEFE Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764AEFE LINER-LT1764AEFE Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764AEFE-1.5 LINER-LT1764AEFE-1.5 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764AEFE-1.5 LINER-LT1764AEFE-1.5 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764AEFE-1.8 LINER-LT1764AEFE-1.8 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764AEFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com