Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8041ARZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AD8041ARZ
Description  MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AD8041ARZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD8041ARZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD8041ARZ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-96839
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/ 2/ 3/
-55
C  TA +125C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Quiescent supply current
IS
1,2,3
All
6.1
mA
M,D,P,L,R
1
02
6.1
M,D,P,L
1
03
6.1
Disabled mode 4/
1,2,3
All
1.7
M,D,P,L,R
1
02
1.7
M,D,P,L
1
03
1.7
Input offset voltage
VOS
1,2,3
All
9.5
mV
M,D,P,L,R
1
02
9.5
M,D,P,L
1
03
9.5
Common mode rejection
ratio
CMRR
VCM = -1 V to 2.5 V
1,2,3
All
70
dB
M,D,P,L,R
1
02
70
M,D,P,L
1
03
70
Power supply rejection
ratio
PSRR
VS = 2.5 V to 5.0 V
1,2,3
All
68
dB
M,D,P,L,R
1
02
68
M,D,P,L
1
03
68
Input bias current
IIB
1,2,3
All
3.4
A
M,D,P,L,R
1
02
3.4
M,D,P,L
1
03
3.4
Input offset current
IOS
1,2,3
All
0.7
A
M,D,P,L,R
1
02
0.7
M,D,P,L
1
03
0.7
See footnotes at end of table.


Similar Part No. - AD8041ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8041ARZ-REEL AD-AD8041ARZ-REEL Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041ARZ-REEL1 AD-AD8041ARZ-REEL1 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
More results

Similar Description - AD8041ARZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com