Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM28V020-T28G Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # FM28V020-T28G
Description  256Kbit Bytewide F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V020-T28G Datasheet(HTML) 3 Page - Cypress Semiconductor

  FM28V020-T28G Datasheet HTML 1Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 2Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 3Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 4Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 5Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 6Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 7Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 8Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FM28V020 - 32Kx8 F-RAM
Document Number: 001-86204 Rev. *A
Page 3 of 16
Functional Truth Table
/CE
/WE
A(14:3)
A(2:0)
Operation
H
X
X
X
Standby/Idle
H
V
V
Read
L
H
No Change
Change
Page Mode Read
L
H
Change
V
Random Read
L
V
V
/CE-Controlled Write
2
L
V
V
/WE-Controlled Write
2, 3
L
No Change
V
Page Mode Write
4
X
X
X
Starts Precharge
Notes:
1)
H=Logic High, L=Logic Low, V=Valid Address, X=Don’t Care.
2)
For write cycles, data-in is latched on the rising edge of /CE or /WE, whichever comes first.
3)
/WE-controlled write cycle begins as a Read cycle and A(14:3) is latched then.
4)
Addresses A(2:0) must remain stable for at least 15 ns during page mode operation.
Pin Configurations
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ4
DQ5
DQ6
DQ7
OE
A8
A13
WE
A9
A10
A11
VDD
A12
A7
A6
A5
A4
CE
DQ3
28-pin
TSOP-I
(-T28G)
22
23
24
25
26
27
28
1
2
3
4
5
6
7
OE
A11
A9
A8
A13
WE
VDD
A14
A12
A7
A6
A5
A4
A3
21
20
19
18
17
16
15
14
13
12
11
10
9
8
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
32-pin
TSOP-I
(-TG)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
OE
A11
A9
A8
A13
WE
VDD
A14
A12
A7
A6
A5
A4
A3
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
NC


Similar Part No. - FM28V020-T28G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
More results

Similar Description - FM28V020-T28G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com