Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-237-R6GHBHC-A01-2T Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 19-237-R6GHBHC-A01-2T
Description  0.35mm Height Chip LED with Full Color
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-237-R6GHBHC-A01-2T Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 19-237-R6GHBHC-A01-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-237/R6GHBHC-A01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 6 of 12
Device No. : DSE-937-001
Prepared date: 26-Aug-2008
Prepared by : Ashley Kuo
Typical Electro-Optical Characteristics Curves
GH
Ambient Temperature Ta (°C)
-60
Forward Current Derating Curve
Ambient Temperature Ta (°C)
0
10
0
20
30
25
40
50
1
10
40
20
60
100
85
-20
-40
0 20
60
40
100
80
100
1000
Luminous Intensity vs.
Ambient Temperature
10
1
10
100
1000
Forward Current
10
10
I (mA)
F
Ta=25°C
Luminous Intensity vs
Duty=1/10
f=1KHz
Forward Current
Ta=25°
400
0
25
75
50
100
550
450
500
600
Spectrum Distribution
2.6
0
10
25
20
40
30
50
Forward Voltage
4.2
3.4
3.0
3.8
4.5
Ta=25°C
Forward Current vs.
Radiation Diagram
0.5 0.3
0.1
0.7
0.8
0.9
1.0
40°
80°
0.6
0.2
0.4
90°
70°
60°
50°
10°
20°
30°
Ta=25°C
Wavelength λ (nm)
Forward Voltage V (V)
F


Similar Part No. - 19-237-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-237-R6GHBHC-A01 EVERLIGHT-19-237-R6GHBHC-A01 Datasheet
217Kb / 12P
   0.35mm Height Chip LED with Full Color
More results

Similar Description - 19-237-R6GHBHC-A01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-337-S2GHBHC-A01 EVERLIGHT-12-337-S2GHBHC-A01 Datasheet
236Kb / 12P
   0.35mm Height Chip LED with Full Color
S2GHBHC-A01 EVERLIGHT-S2GHBHC-A01 Datasheet
221Kb / 12P
   0.35mm Height Chip LED with Full Color
19-337-R6GHBHC-A01-2T EVERLIGHT-19-337-R6GHBHC-A01-2T Datasheet
268Kb / 12P
   0.35mm Height Chip LED with Full Color
19-237-R6GHBHC-A01 EVERLIGHT-19-237-R6GHBHC-A01 Datasheet
217Kb / 12P
   0.35mm Height Chip LED with Full Color
logo
HK TO-GRACE TECHNOLOGY ...
19-337-R6GHBHC-A01-2T TO-GRACE-19-337-R6GHBHC-A01-2T Datasheet
906Kb / 12P
   0.35mm Height Chip LED with Full Color
logo
Everlight Electronics C...
19-337-R6GHBHC-A01 EVERLIGHT-19-337-R6GHBHC-A01 Datasheet
218Kb / 12P
   0.35mm Height Chip LED with Full Color
19-137-R6GHBHC-A01-2T EVERLIGHT-19-137-R6GHBHC-A01-2T Datasheet
279Kb / 12P
   0.5mm Height Chip LED with Full Color
logo
HK TO-GRACE TECHNOLOGY ...
19-137-R6GHBHC-A01-2T TO-GRACE-19-137-R6GHBHC-A01-2T Datasheet
1Mb / 12P
   0.5mm Height Chip LED with Full Color
logo
Everlight Electronics C...
R6GHBHC-A01 EVERLIGHT-R6GHBHC-A01 Datasheet
198Kb / 12P
   0.5mm Height Chip LED with Full Color
logo
OPTEK Technologies
OVSTKGBBCR9 OPTEK-OVSTKGBBCR9 Datasheet
804Kb / 6P
   Full Color .35mm Height Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com