Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-331J-500E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J-500E
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J-500E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Figure 7. ICC2 vs. VCC2
Figure 8. ICHG vs. temperature
Figure 9. DESAT threshold vs. temperature
Figure 10. Propagation delay vs. temperature
Figure 11. Propagation delay vs. supply voltage
Figure 6. ICC2 vs. temperature
2.00
2.25
2.50
2.75
3.00
3.25
3.50
-40
-20
0
20
40
60
80
105
- ---- ---- I CC2 H
_________I CC2 L
TA - TEMPERATURE -
o C
2.25
2.35
2.45
2.55
2.65
15
20
25
30
VCC2 - SUPPLY VOLTAGE - V
--------- I CC2 H
_________ICC2 L
-0.35
-0.30
-0.25
-0.20
-40
-20
0
20
40
60
80
105
T A -TEMPERATURE -
o C
6.0
6.5
7.0
7.5
-40
-20
0
20
40
60
80
105
TA - TEMPERATURE -
o C
100
150
200
250
300
-40
-20
0
20
40
60
80
105
TA - TEMPERATURE -
oC
---------- t PLH
_______tPHL
100
150
200
250
300
15
20
25
30
Vcc - SUPPLY VOLTAGE - V
---------- t PLH
_______tPHL


Similar Part No. - ACPL-331J-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-331J-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com