Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C790-500E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C790-500E
Description  Precision Miniature Isolation Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C790-500E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C790-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C790-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Figure 16. SNR, SNDR vs. input voltage.
Figure 15. SNR, SNDR vs. temperature.
Figure 18. Phase frequency response.
Figure 17. Gain frequency response.
Figure 20. Supply current vs. input voltage.
Figure 19. Propagation delay, output rise/fall time vs. temperature.
VIN+ - INPUT VOLTAGE - m Vpp
40
43
46
49
52
55
58
61
64
-40
-20
0
20
40
60
80
100
120
SNR
SNDR
40
43
46
49
52
55
58
61
64
100
150
200
250
300
350
400
SNR
SNDR
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
100
1,000
10,000
100,000
1,000,000
FREQUENCY - Hz
100
1,000
10,000
100,000
1,000,000
FREQUENCY - Hz
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
120
tPD90
tPD50
tR/F
tPD10
5
6
7
8
9
10
11
12
13
14
15
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
TA - TEMPERATURE - °C
TA - TEMPERATURE - °C
VIN+ - INPUT VOLTAGE - V
VIN+ = 300mVpp 10 kHz sine wave
tPD10, tPD50, tPD90: 200mV/µs step input; tR/F: step input
IDD1 (VDD1 = 5V)
IDD2 (VDD2 = 5V)
IDD2 (VDD2 = 3.3V)


Similar Part No. - ACPL-C790-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
More results

Similar Description - ACPL-C790-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com